Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 44 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 44 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
BDLON
BCAL
BULON
BENA
DLON
DLCAL DLREC
ULON
ULCAL ULSEND
CKDL
CKUL
Figure 17. Timing Interface
DSP/MCU serial interface operation and format
The DSP/MCU serial interface configures the GSM baseband, the voice A/D and D/A converters (read and write
operation in internal registers), and transmits RF data to the DSP during the reception of a burst by the downlink
path of the GSM baseband and voice A/D and D/A circuitry.
During reception of a burst (bit DLR of the status register is 1) and DSP serial interface and associated internal
bus are dedicated to the transfer of RF data from the GSM baseband A/D and D/A converters to the DSP. During
this period only a write operation of internal registers can be done through the DSP serial interface. However,
all registers can be accessed by the serial MCU interface.
During transmission of a burst (bit ULX of the status register is 1) no read or write operation can be done in the
registers of the baseband uplink part of the GSM baseband, APC RAM, and APC shape register.
Writing or reading registers using the serial interface is done by transferring 16-bit words to the serial interface.
Each word is split into three fields as shown in Table 4.
Table 4. Read/Write Data Word
DATA
ADDRESS
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1 / 0
When writing to internal registers observe the following convention:
Bit 0
: A 0 indicates a write operation.
Bits 1 to 5
: This field contains the address of the register to be accessed.
Bits 6 to 15
: This field contains the data to be written into the internal register.
When reading from internal registers observe the following convention:
Bit 0
: A 1 indicates a read operation.
Bits 1 to 5
: This field contains the address of the register to be accessed.
Bits 6 to 15
: This field is an irrelevant status in a read request operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com