Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 57 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 57 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments TCM4400EPET Datasheet HTML 57Page - Texas Instruments TCM4400EPET Datasheet HTML 58Page - Texas Instruments TCM4400EPET Datasheet HTML 59Page - Texas Instruments TCM4400EPET Datasheet HTML 60Page - Texas Instruments TCM4400EPET Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
automatic frequency control registers (1 and 2)
The content of the APC RAM describes the shape of the ramp-up and ramp-down control; see Table 30.
Table 30. APC Ramp Control
APCRAM: AUTOMATIC POWER CONTROL RAM
ADDRESS: 17 (64 Words)
W
RDWN WORD0 (5 BIT)
RUP WORD0 ( 5 BIT)
1
0
0
0
1
0
RDWN WORD1 (5BIT)
RUP WORD2 (5 BIT)
1
0
0
0
1
0
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
. . .
RDWNWORD62 (5BIT)
RUP WORD62 (5 BIT)
1
0
0
0
1
0
RDWNWORD63 (5BIT)
RUP WORD63 (5 BIT)
1
0
0
0
1
0
W
W
W
W
W
W
W
W
W
W
<—ACCESS TYPE
X
X
X
X
X
X
X
X
X
X
<—VALUE AT RESET
Actual shape values (five bits long) are contained in the shape D/A converter input register as shown in
Table 31.
Table 31. Shape DAC Input Register
APCSHAP: SHAPE DAC INPUT REGISTER
ADDRESS: 18
R/W
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
BIT4
BIT3
BIT2
BIT1
BIT0
1
0
0
1
0
1/0
R = 0
R = 0
R = 0
R = 0
R = 0
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 4–0:
Input of the 5-bit APC DAC.
RESERVD:
Reserved bits for testing
AGC control register
The AGC control register is 10-bits wide and controls operations of the analog AGC circuit as shown in Table 32.
Table 32. Analog AGC Gain Control Register
AUXAGC: AUTOMATIC GAIN CONTROL REGISTER
ADDRESS: 19
R/W
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
1
0
0
1
1
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 9 to 0:
Input of the 10-bit AAGC DAC.
RESERVD:
Reserved bits testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com