Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 58 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 58 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments TCM4400EPET Datasheet HTML 57Page - Texas Instruments TCM4400EPET Datasheet HTML 58Page - Texas Instruments TCM4400EPET Datasheet HTML 59Page - Texas Instruments TCM4400EPET Datasheet HTML 60Page - Texas Instruments TCM4400EPET Datasheet HTML 61Page - Texas Instruments TCM4400EPET Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
auxiliary functions control register 2 (see Table 33)
The values in the auxiliary function control register No. 2 set the operation parameters as described below:
APCSPD:
When cleared to 0, the APC clock is at 4 MHz; when set to 1, the APC clock is at 2 MHz.
IAPCPTR:
Setting to 1 initializes the pointer of the APC RAM to the base address. This is not a toggle
bit and has to be set to 0 to set APC RAM operational.
APCMODE:
Select the equation used for APC waveform generation.
AGCW:
If cleared to 0, the automatic gain control path is powered down with the control of GSM
receive window (BDLON terminal) and AGCPD bit. If the AGCPD bit is set to 1, the
power down is controlled by AGCPD bit.
AGCPD:
This bit is functionally associated with AGCW bit. When this bit is set to 1, the automatic
gain control path is in power-down mode.
APCW:
If 0, the RF power control path is down powered with the control of GSM transmit window
(BULON) and with the control of APCPD bit. If the APCPD bit is set to 1, power down is only
controlled by APCPD bit.
APCPD:
This bit is functionally associated with the BBULW bit. When this bit is set to 1, the RF power
control path is in power-down mode.
Table 33. AUX Functions Control Register No. 2
AUXCTL2: AUXILIARY FUNCTIONS CONTROL REGISTER
ADDRESS: 20
R/W
AGCW
AGCPD
APCW
APCPD
IAPCTR
APCMODE
RESERVD
RESERVD
APCSPD
RESERVD
1
0
1
0
0
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
auxiliary A/D converter output register
This register is read-only; however, if there is an attempt to write into it, an A/D conversion operation starts; see
Table 34. When the A/D conversion is finished, the AUXADC register is loaded and the A/D converter is
automatically down powered. During the conversion process the ADCEOC bit of the BSTATUS register is set.
This bit is reset automatically after AUXADC is loaded.
Table 34. AUX A/D Converter Output Register
AUXADC: AUXILIARY A/D CONVERTER OUTPUT REGISTER
ADDRESS: 21
R
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
1
0
1
0
1
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 9 to 0:
Output pf the 10-bit monitoring ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com