Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 33 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 33 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 29Page - Texas Instruments TCM4400EPET Datasheet HTML 30Page - Texas Instruments TCM4400EPET Datasheet HTML 31Page - Texas Instruments TCM4400EPET Datasheet HTML 32Page - Texas Instruments TCM4400EPET Datasheet HTML 33Page - Texas Instruments TCM4400EPET Datasheet HTML 34Page - Texas Instruments TCM4400EPET Datasheet HTML 35Page - Texas Instruments TCM4400EPET Datasheet HTML 36Page - Texas Instruments TCM4400EPET Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
voice codec
The voice coder/decoder (codec) circuitry processes analog audio components in the uplink path and applies
this signal to the voice signal interface for eventual baseband modulation. In the downlink path, the codec
circuitry changes voice-component data received from the voice serial interface into analog audio. The following
paragraphs describe these uplink/downlink functions in more detail.
voice uplink path
The voice uplink path includes two input stages; refer to Figure 14. The first stage is a microphone amplifier,
compatible with an electret-type microphone, that contains a FET-buffer with an open-drain output, that has a
gain of typically 27 dB, and provides an external voltage of 2 V to 2.5 V to bias the microphone. The auxiliary
audio input can be used as an alternative source for a higher level speech signal. This stage performs
single-ended to differential conversion and provides a gain of 6 dB. When auxiliary audio input is used, the
microphone input is disabled and powered down. If both microphone and auxiliary amplifiers are powered up
at the same time, only the signal of the microphone amplifier will be transmitted to the voice uplink path.
The resulting fully differential signal is fed to a programmable gain amplifier that allows adjustment of the level
of the speech signal to the dynamic range of the A/D converter, which is determined by the value of the internal
voltage reference. Programmable gain can be set from –12 dB to +12 dB in 1-dB steps. It is programmed with
bits VULPG to VULPG4 of VBCTL1 register.
Analog-to-digital conversion is made with a third-order sigma-delta modulator whose sampling rate is 1 MHz.
Output of the A/D converter is fed to a speech digital filter, which performs the decimation down to 8 KHz and
band limits the signal with both low-pass and high-pass transfer functions. The speech samples are then
transmitted to the DSP, using the voice serial interface, at a rate of 8 kHz.
Programmable functions of the voice uplink path, power-up, input selection and gain are controlled by the DSP
or the MCU using the serial interfaces. The uplink voice path can be powered down with the bit VULON of the
VBCTL1 internal register.
Bias
Generator
Microphone
Amplifier
27 dB
PGA
+ 16.6 – 7.4 dB
Auxiliary
Amplifier
6 dB
Sigma-Delta
Modulator
fs1 = 1 MHz
SINC
Filter
fs2 = 40 KHz
IIR
Bandpass
Filter
fs3 = 8 kHz
To Voice
Serial Interface
MICBIAS
MICIP
MICIN
AUXI
Side Tone
to Voice Downlink
Figure 14. Uplink Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com