Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 47 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 47 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
baseband uplink I and Q offset registers
The baseband uplink I and Q offset registers contain the offset values for the I and Q components, respectively,
as shown in Tables 9 and 10.
Table 9. Uplink I Offset Register
BULIOFF: BASEBAND UPLINK I OFFSET REGISTER
ADDRESS: 3
R/W
RESERVD
ULIOFF8
ULIOFF7
ULIOFF6
ULIOFF5
ULIOFF4
ULIOFF3
ULIOFF2
ULIOFF1
ULIOFF
0 0 0 1 1
1/0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
1
1
1
1
1
1
1
1
<–VALUE AT RESET
ULIOFF0 to ULIOFF1
: Integration bits during calibration (to minimize sensitivity to noise)
ULIOFF2 to ULIOFF8
: Value of the offset on I channel
RESERVD
: Reserved bits for testing purposes
R/W
: A 1 indicates a read operation; a 0 indicates a write operation.
Table 10. Uplink Q Offset Register
BULQOFF: BASEBAND UPLINK Q OFFSET REGISTER
ADDRESS: 4
R/W
RESERVD
ULQOFF8
ULQOFF7
ULQOFF6
ULQOFF5
ULQOFF4
ULQOFF3
ULQOFF2
ULQOFF1
ULQOFF0
0
0
1
0
0
1/0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
1
1
1
1
1
1
1
1
<–VALUE AT RESET
ULQOFF0 to ULQOFF1 : Integration bits during calibration (to minimize sensitivity to noise)
ULQOFF2 to ULQOFF8 : Value of the offset on Q channel
RESERVD
: Reserved bits for testing purposes
R/W
: A 1 indicates a read operation; a 0 indicates a write operation.
baseband uplink I and Q D/A conversion registers
The I and Q component values generated by the I and Q uplink D/A converter during the conversion of analog
data are written to and read from the uplink I and Q D/A converter registers as shown in Tables 11 and 12.
Table 11. Uplink I DAC Register
BULIDAC: BASEBAND UPLINK I DAC REGISTER
ADDRESS: 6
R/W
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
0
0
1
1
0
1/0
R
R
R
R
R
R
R
R
R
R
<–ACCE0S TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
RESERVD
: Reserved bits for testing purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com