Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 38 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 38 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 34Page - Texas Instruments TCM4400EPET Datasheet HTML 35Page - Texas Instruments TCM4400EPET Datasheet HTML 36Page - Texas Instruments TCM4400EPET Datasheet HTML 37Page - Texas Instruments TCM4400EPET Datasheet HTML 38Page - Texas Instruments TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
radio window activation control
These internal blocks are powered up with the control of two bits. The first bit enables the window control of the
block activity; the second bit enables the power down.
First bit (PN):If cleared to 0, the function is powered down with the control of the corresponding GSM window
(BDLON/BULON terminal). If this first bit is set to 1, the power down is only controlled by the
second bit.
Second bit (PD): This bit is functionally associated with the first one. When this bit is loaded with 1, the function
is in power-down mode.
During transmit windows designated by the activity of the BULON terminal:
–
Automatic power control (APC): bits APCW and APCPD of register AUXCTL2 are paired.
–
Baseband uplink path: bits BBULW and BBULPD of register PWDNRG1 are paired.
–
External reference voltage buffers VMID: bits VMIDW and VMIDPD are paired.
During receive windows designated by the activity of the BDLON terminal:
–
Automatic gain control (AGC): bits AGCW and AGCPD of register AUXCTL2 are paired.
–
Baseband downlink path: bits BBDLW and BBDLPD of register PWDNRG1 are paired.
external terminal PWRDN control
These internal blocks are powered under the control of two bits. The first bit enables the external terminal
PWRDN control of the block activity, the second bit enables the power down. Terminal PWRDN is active high.
First bit (PN):
If cleared to 0, the function is powered down with the control of PWRDN terminal. If this first
bit is set to 1, the power down is only controlled by the second bit (PD).
Second bit (PD):
This bit is functionally associated with the first one. When this bit is set to 1, the function is
in power-down mode.
–
For the digital serial interface to the DSP, bits BBSIPN and BBSIPD of register PWDNRG2 are paired.
–
For the timing interface, bits TIMGPN and TIMGPD of register PWDNRG2 are paired.
–
For the auxiliary A/D converters, bits ADCPN and ADCPD of register AUXCTL1 are paired.
–
For the automatic frequency control (AFC) block, bits AFCPN and AFCPD of register AUXCTL1 are
paired.
–
For the external reference voltage buffers MICBIAS, bits VREFPN and VREFPD of register PWDNRG2
are paired.
–
For the internal reference band-gap buffers, bit VGAPPN determines whether the bandgap power down
is under control of the PWRDN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com