Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 43 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 43 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
DRR
RSR
16
DXR
XSR
16
16
16
Control
Logic
Control
Logic
Byte/Word
Counter
Byte/Word
Counter
Data Bus
Load
Load
Clear
Clock
Clear
Clock
BDR
BFSR BCLKR BCLKX BFSX
BDX
Figure 16. DSP Serial Digital Interface
timing interface
The timing interface performs accurate timing control of baseband uplink and downlink paths. The timing
interface is a parallel asynchronous port with four control signals, refer to Figure 17. The BDLON bit controls
power on the downlink path of the baseband codec; the BULON bit controls power on the uplink path of the
baseband codec, and the BCAL bit controls the calibration of the active parts of the baseband codec selected
by BULON or BDLON.
The BENA bit controls the transmission of the reception of burst depending on which part of the baseband codec
is selected by the signals BULON or BDLON. These asynchronous inputs are internally synchronized with the
uplink and downlink internal clocks and stored in timing register TR. The timing register, TR, is a 6-bit register
containing the bits defined in Table 3.
Table 3. 6-Bit TR Register
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
ULON
ULCAL
ULSEND
DLON
DLCAL
DLREC
TR bit signification
ULON:
If set to 1, this bit turns on the uplink path of the baseband codec; if cleared to 0, the uplink path
is in power-down mode.
ULCAL:
When this bit is set to 1, the uplink offset autocalibration is active.
ULSEND:
A transition from 0 to 1 of ULSEND initiates the emission of a burst. The burst information
data, burst length, and power level need to be loaded in the corresponding registers using the
serial interface.
DLON:
If set at 1, this bit turns on the downlink path of the baseband codec; if cleared to 0, the
downlink path is in power-down mode.
DLCAL:
When this bit is set at 1, the downlink offset autocalibration is active.
DLREC:
A transition from 0 to 1 of DLREC initiates the transmission of data from the baseband codec
to the DSP using the serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com