Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 49 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 49 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power down register No. 1
The values in each bit position of power down register No. 1 have the meaning outlined in Table 14.
Table 14. PWDNRG1 Register
PWDNRG1: REGISTER FOR POWERING DOWN
ADDRESS: 7
R/W
SELVMID
BALOOP
VMIDW
VMIDPD
BBULW
BBULPD
BBDLW
BBDLPD
EXTCAL
BBRST
0
0
1
1
1
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BBRST:
This is the digital reset of the baseband codec (active at 1); the uplink burst buffer is loaded with
all 1s and the memory and registers of the downlink digital filter is cleared to 0. This is not a
toggle bit as it has to be set to 0 to remove the reset condition.
EXTCAL:
Downlink autocalibration mode (at 0: autocalibration; at 1: external calibration)
BBULW:
If cleared to 0, the baseband uplink path is powered down under the control of the GSM transmit
window (BULON terminal). If this bit is set to 1, the power down is only controlled by bit
BBULPD.
BBULPD:
This bit is functionally associated with bit BBULW. When this bit is set to 1, the baseband uplink
path is in power-down mode.
BBDLW:
If cleared to 0, the baseband downlink path is powered down under the control of GSM receive
window (BDLON terminal). If this bit is set to 1, the power down is only controlled by bit
BBDLPD.
BBDLPD:
This bit is functionally associated with bit BBDLW. When this bit is set to 1, the baseband
downlink path is in power-down mode.
VMIDW:
If cleared to 0, the VMID output driver is powered down under the control of GSM transmit
window (BULON terminal). If this bit is set to 1, the power down is only controlled by bit
VMIDPD.
VMIDPD:
This bit is functionally associated and paired with bit VMIDW. When VMIDW bit is set to 1, the
VMID output driver is active. When VMIDPD bit is set to 1, the VMID output driver is in
power-down mode.
BALOOP:
When set to 1, the internal analog loop of I and Q uplink terminals are connected to I and Q
downlink terminals.
SELVMID: When cleared to 0, this sets the common-mode voltage of the baseband uplink and VMID at
VDD/2; when set to 1, these voltages are set to 1.35 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com