Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 45 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 45 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Read operation from the downlink baseband codec is done using the TX part of the DSP/MCU serial interface
in the following 16-bit word format given in Table 5.
Table 5. 16-Bit Word Format
DATA
ADDRESS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A4
A3
A2
A1
A0
0
During reception of a burst, transfer of RF data from the downlink baseband codec is done using the transmit
part of the DSP serial interface in the following 16-bit word format: As the I and Q samples are coded with 16-bit
words, the data rate is 270833
× 16 × 2 which equals 8.66 Mbps. I & Q samples are differentiated by setting the
LSB to zero for I samples and to one for Q samples. Since the digital clock MCLK is 13 MHz, transfer is done
at 13 Mbps in burst mode. During burst reception the DSP serial interface is idled about 33% of the time.
Table 6. Format of 16-Bit Word Transfer
DATA
I/Q
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DSP/MCU serial interface registers
The following internal register buffers are accessed using the DSP/MCU serial interface during manual
operation of the TCM4400E.
baseband uplink ramp delay register
Each bit position of the baseband uplink ramp-delay register is given in Table 7.
Table 7. Uplink Ramp-Delay Register
BULRUDEL: BASEBAND UPLINK RAMP DELAY REG.
ADDRESS: 1
R/W
RESERVD
IBUFPTR
DELD3
DELD2
DELD1
DELD0
DELU3
DELU2
DELU1
DELU0
0
0
0
0
1
1 / 0
R = 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<––– ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–––VALUE AT RESET
DELU0 to DELU3
: Value of the delay of ramp-up start versus the rising edge of BENA
DELD0 to DELD3
: Value of the delay of ramp-down start versus the falling edge of BENA
IBUFPTR
: Writing a 1 in this bit initializes the pointer of the burst buffer to the base address.
(This is not a toggle bit and has to be set back to 0 to allow writing into the burst
buffer).
RESERVD
: Reserved bits for testing purposes
R/W
: A 1 indicates a read operation; a 0 indicates a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com