Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 39 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 39 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 35Page - Texas Instruments TCM4400EPET Datasheet HTML 36Page - Texas Instruments TCM4400EPET Datasheet HTML 37Page - Texas Instruments TCM4400EPET Datasheet HTML 38Page - Texas Instruments TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
DSP voiceband serial interface
Voiceband serial digital interface consists of a bidirectional serial port. Both receive and transmit operations are
double buffered, thus allowing a continuous communication stream. The serial port is fully static and, thus,
functions with any arbitrary low-clocking frequency.
The transfer mode available on this port is:
Clock frequency
520 kHz
16-bit data packet
frame synchronization
VCLK is the output serial clock used to control the transmission or reception of the data, (see Figure 5). VCLK
can run in burst mode or continuous mode, depending on the VCLKMODE bit. The transmitted serial data (VDX)
is the serial data output; the frame synchronization (VFS) is used to initiate the transfer of transmit and receive
data. The received data (VDR) is the serial data input.
Each serial port includes four registers: the data transmit register (DXR), the data receive register (DRR), the
transmit shift register (XSR), and the receive shift register (RSR).
The voice serial interface has the same structure and timing diagram as the serial interface. One extra cycle
is generated before VFS, and two extra cycles are generated after the least significant bit (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com