Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 41 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 41 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 37Page - Texas Instruments TCM4400EPET Datasheet HTML 38Page - Texas Instruments TCM4400EPET Datasheet HTML 39Page - Texas Instruments TCM4400EPET Datasheet HTML 40Page - Texas Instruments TCM4400EPET Datasheet HTML 41Page - Texas Instruments TCM4400EPET Datasheet HTML 42Page - Texas Instruments TCM4400EPET Datasheet HTML 43Page - Texas Instruments TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
MCU serial baseband digital interface
The GSM baseband and voice A/D and D/A conversion provide two digital serial 16-bit interfaces intended for
use with the DSP and a microcontroller device. Through this interface a microcontroller can access all the
internal registers that can be accessed through the DSP digital serial interface.
This option is intended for an application in which a part of layer-1 software is implemented into the
microcontroller needs access to some functions implemented into the GSM baseband and voice A/D and D/A
conversion circuitry.
serial interface
The microcontroller serial interface is designed to be compliant with 8-bit standard synchronous serial ports.
This interface consists of four terminals (see Figure 3 for timing diagram).
UCLK:
A clock provided by the microcontroller to GSM baseband and voice A/D and D/A conversion
UDR:
An input terminal of the GSM baseband and voice A/D and D/A components intended for reception
of data
UDX:
An output terminal of the GSM baseband and voice A/D and D/A components intended for
transmission of data
USEL:
An input terminal of GSM baseband and voice A/D and D/A components intended for activation
of the serial interface
When USEL = VDD, the serial interface is deactivated and UDX is placed in a high-impedance state. A high level
on USEL resets the internal serial interface; the 16-bit transfers must be completed with USEL = VSS.
The external MCU initiates data transfer by driving the selection terminal and sending a clock signal. For both
the GSM baseband and voice A/D and D/A components, the MCU data is shifted out of the shift registers on
one edge of the clock and latched into the shift registers on the opposite clock edge.
As a result, both controllers send and receive data simultaneously. For the MCU portion, the software
determines whether the data is meaningful or dummy data. On the GSM baseband and voice A/D and D/A
conversion portion, dummy data is data with all zeroes.
The 16-bit word data format is identical to the DSP data format. After a read-register command, there is a
sequential transfer delay between two 16-bit word acquisitions to let the internal sequencer extract the data
going from internal registers to the serial shift register.
Three internal bits control the data serial flow as follows:
• UDIR determines whether data is transferred with MSB or LSB first.
• UPOL determines the polarity of the clock.
• UPHA determines the insertion of a half-clock period in the data serial flow.
With UPOL and UPHA there are four clock schemes (see Table 2):
• Falling edge without delay. The MCU serial interface transmits data on the falling edge of the UCLK and
receives data on the rising edge of the UCLK.
• Fallingedgewithdelay.TheMCUserialinterfacetransmitsdataonehalf-cycleaheadofthefallingedge
of the UCLK and receives data on the falling edge of the UCLK.
• Rising edge without delay. The MCU serial interface transmits data on the rising edge of the UCLK and
receives data on the falling edge of the UCLK.
• Rising edge with delay. The MCU serial interface transmits data one half-cycle ahead of the rising edge
of the UCLK and receives data on the rising edge of the UCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com