Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 55 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 55 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments TCM4400EPET Datasheet HTML 57Page - Texas Instruments TCM4400EPET Datasheet HTML 58Page - Texas Instruments TCM4400EPET Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
auxiliary functions control register 1
The bit values in the auxiliary functions control register 1 resets the APC generator or the AFC modulator, selects
the A/D counter input, and selects the AFC sampling frequency. This is shown in Table 24.
Table 24. AUX Functions Control Register 1
UXCTL1: AUXILIARY FUNCTIONS CONTROL REGISTER
ADDRESS: 13
R/W
AFCPN
AFCPD
ADCPN
ADCPD
AFCCK1
AFCCK0
ADCCH2
ADCCH1
ADCCH0
ARST
0
1
1
0
1
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
ARST:
Reset of the digital parts for the auxiliary function (APC generator and AFC modulator).
This is not a toggle bit and has to be set to 0 to remove the reset condition.
ADCCH (0–2):
Selection of the input of the A/D converter; see Table 25.
Table 25. A/D Converter Selection
ADCCH2
ADCCH1
ADCCH0
A/D CONVERTER INPUT SELECTION
0
0
0
A/D conversion of ADIN1
0
0
1
A/D conversion of ADIN2
0
1
0
A/D conversion of ADIN3
0
1
1
A/D conversion of ADIN4
1
0
0
A/D conversion of ADIN5
1
0
1
A/D conversion of ADIN5
1
1
0
A/D conversion of ADIN5
1
1
1
A/D conversion of ADIN5
AFCCK (0–1): Selection of the sampling frequency of the AFC, see Table 26.
Table 26. AFC Selection
AFCCK1
AFCCK0
AFC INTERNAL FREQUENCY
0
0
0.25 MHz
0
1
0.50 MHz
1
0
1 MHz
1
1
2 MHz
AFCPN:
If cleared to 0, the AFC block is powered down under the control of the PWRDN terminal. If
this bit is set to 1, the power down is only controlled by bit AFCPD.
AFCPD:
This bit is functionally associated and paired with bit AFCPN. When the AFCPN bit is 1, the
AFC block is active. When the AFCPD bit is set to 1, the AFCPD block is in power-down
mode.
ADCPN:
If cleared to 0, the auxiliary ADC block is powered down when under the control of PWRDN.
If this bit is set to 1, the power down is only controlled by bit ADCPD.
ADCPD:
This bit is functionally associated and paired with bit ADCPN. When the ADCPN bit is set to
1, an auxiliary ADC is active. When the ADCPD bit is set to 1, the auxiliary ADCPD is in
power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com