Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 32 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 32 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 28Page - Texas Instruments TCM4400EPET Datasheet HTML 29Page - Texas Instruments TCM4400EPET Datasheet HTML 30Page - Texas Instruments TCM4400EPET Datasheet HTML 31Page - Texas Instruments TCM4400EPET Datasheet HTML 32Page - Texas Instruments TCM4400EPET Datasheet HTML 33Page - Texas Instruments TCM4400EPET Datasheet HTML 34Page - Texas Instruments TCM4400EPET Datasheet HTML 35Page - Texas Instruments TCM4400EPET Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
RF power control (continued)
When APCMODE is one (see Figure 13) the APC output is given by formula
APCout = ( Shape value * Level value ) + Offset
BULON
BENA
APC OUT
Level 1
Level 255
Level 0
Offset = 120 mV
Figure 13. APC Output When APCMODE = 1
Power down is controlled with two bits. The first bit (APCW of AUXCTL2 register) determines whether the APC
can be powered down by activating external GSM transmit window activation (BULON): The second bit (APCPD
of AUXCTL2 register) controls the activation of APC function. See the topic,
power-down functional description,
for more details about power-down control. The auxiliary analog functions of the GSM baseband A/D and D/A
conversions are independently powered from the AVDD5 terminal.
monitoring
The monitoring section includes a 10-bit A/D converter and one result register that allows monitoring of five
external analog values such as the temperature and the battery voltage. The selection of the input and reading
of the control registers is done using the serial interfaces.
The selection of the input channel is done with the bits ADCCH0 – ADCCH2 of the AUXCTL1 register; the data
is read from the AUXADC register. Power down is controlled with two bits. The first bit (ADCPN of AUXCTL1
register) determines whether the A/D converter can be powered down from the external PWRDN terminal. The
second bit (ADCPD of AUXCTL1 register) controls the activation of the A/D conversion function. See the topic,
power-down functional description, for more details about power-down control.
Conversion is started with a write access to the AUXCTL1 register. During the conversion, the ADCEOC bit of
BSTATUS register stays at 1 and resets to 0 when the converted data is loaded into the AUXADC register. This
way the power consumption of the main parts of the converter is limited to the useful part of the conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com