Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 56 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 56 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments TCM4400EPET Datasheet HTML 57Page - Texas Instruments TCM4400EPET Datasheet HTML 58Page - Texas Instruments TCM4400EPET Datasheet HTML 59Page - Texas Instruments TCM4400EPET Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
automatic frequency control registers (1 and 2)
There are two AFC control registers; each is 10 bits wide. AFC control register No. 1 contains the least significant
bit of the AFC D/A converter output. AFC control register No. 2 contains the most significant bit of the AFC D/A
converter input. See Tables 27 and 28. The AFC value is loaded after writing to the AFC MSB register (first) and
then the LSB register (second) .
Table 27. AFC Control Register 1
AUXAFC1: AUTOMATIC FREQUENCY CONTROL REG1
ADDRESS: 14
R/W
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
1
1
1
0
1/0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 9–0:
LSB input of the 13-bit AFC D/A converter in 2s complement.
Table 28. AFC Control Register 2
AUXAFC2: AUTOMATIC FREQUENCY CONTROL REG2
ADDRESS: 15
R/W
RESRVD
RESRVD
RESRVD
RESRVD
RESRVD
RESRVD
RESRVD
BIT12
BIT11
BIT10
0
1
1
1
1
1/0
R = 0
R = 0
R = 0
R = 0
R = 0
R = 0
R = 0
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 12–10:
MSB input of the 13-bit AFC D/A converter in 2s complement.
automatic power control register
The values in the automatic power control (APC) register set the operating conditions for the APC circuit, see
Table 29.
Table 29. APC Register
AUXAPC: AUTOMATIC POWER CONTROL REGISTER
ADDRESS: 16
R/W
RESERVD
RESERVD
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
1
0
0
0
0
1/0
R = 0
R = 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
BIT 7–0:
Input of the 8-bit level APC DAC.
RESERVD:
Reserved bits for testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com