Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 53 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 53 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments TCM4400EPET Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 20. Downlink PGA Gain
VDLG3
VDLG2
VDLG1
VDLG0
RELATIVE GAIN
0
0
0
0
0
–6 dB
1
0
0
0
1
–5 dB
2
0
0
1
0
–4 dB
3
0
0
1
1
–3 dB
4
0
1
0
0
–2 dB
5
0
1
0
1
–1 dB
6
0
1
1
0
0 dB
7
0
1
1
1
1 dB
8
1
0
0
0
2 dB
9
1
0
0
1
3 dB
10
1
0
1
0
4 dB
11
1
0
1
1
5 dB
12
1
1
0
0
6 dB
13
1
1
0
1
–6 dB
14
1
1
1
0
–6 dB
15
1
1
1
1
–6 dB
VOLCTL (0–2):
Volume control (0, –6 ,–12, 18, –24, Mute), see Table 21.
Table 21. Volume Control Gain Settings
VOLCTL2
VOLCTL1
VOLCTL0
RELATIVE GAIN
0
0
1
0
0 dB
1
1
1
0
–6 dB
2
0
0
0
–12 dB
3
1
0
0
–18 dB
4
0
1
1
–24 dB
5
1
0
1
Mute
6
0
0
1
Mute
7
1
1
1
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com