Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 52 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 52 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments TCM4400EPET Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 18. Uplink PGA Gain
VULPG 4
VULPG 3
VULPG 2
VULPG 1
VULPG 0
RELATIVE GAIN
1
0
0
0
0
–12 dB
1
0
1
1
1
–11 dB
1
1
0
0
0
–10 dB
1
1
0
0
1
–9 dB
1
1
0
1
0
–8 dB
1
1
0
1
1
–7 dB
0
0
0
0
0
–6 dB
0
0
0
0
1
–5 dB
0
0
0
1
0
–4 dB
0
0
0
1
1
–3 dB
0
0
1
0
0
–2 dB
0
0
1
0
1
–1 dB
0
0
1
1
0
0 dB
0
0
1
1
1
1 dB
0
1
0
0
0
2 dB
0
1
0
0
1
3 dB
0
1
0
1
0
4 dB
0
1
0
1
1
5 dB
0
1
1
0
0
6 dB
1
0
0
0
1
7 dB
1
0
0
1
0
8 dB
1
0
0
1
1
9 dB
1
0
1
0
0
10 dB
1
0
1
0
1
11 dB
1
0
1
1
0
12 dB
voiceband downlink control register
The values in the voiceband downlink control register bit positions control the audio power level in the downlink
path. Earphone volume is set (three bits VOLCTL0 –VOLCTL2) and PGA gain is set from –6 dB to 6 dB in 1
dB steps. This is shown in Table 19.
Table 19. Voiceband Downlink Control Register
VBCTL2: VOICEBAND DOWNLINK CONTROL REGISTER
ADDRESS: 11
R/W
VDLAUX
VDLEAR
VOLCTL2
VOLCTL1
VOLCTL0
VDLG3
VDLG2
VDLG1
VDLG0
VDLON
0
1
0
1
1
1 / 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
VDLON:
Power on of the downlink path of the audio codec
VDLEAR:
Enables the earphone amplifier if the VDLON bit is 1
VDLAUX:
Enables the auxiliary output amplifier if the VDLON bit is 1
VGLG (0–3) 1 dB:
Gain of the voice-downlink programmable gain amplifier (–6 dB to 6 dB in 1-dB steps);
see Table 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com