Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM4400EPET Datasheet(PDF) 48 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 48 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 44Page - Texas Instruments TCM4400EPET Datasheet HTML 45Page - Texas Instruments TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 12. Uplink Q DAC Register
BULQDAC: BASEBAND UPLINK Q DAC REGISTER
ADDRESS: 5
R/W
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
RESERVD
0
0
1
0
0
1/0
R
R
R
R
R
R
R
R
R
R
<–ACCE0S TYPE
0
0
0
1
1
1
1
1
1
1
<–VALUE AT RESET
RESERVD
: Reserved bits for testing purposes
Power down register No. 2
The values in each bit position of power-down register No. 2 have the meaning outlined in Table 13.
Table 13. PWDNRG2 Register
PWDNRG2: REGISTER FOR POWERING DOWN
ADDRESS: 8
R/W
RESERVD
RESERVD
TIMGPN
TIMGPD
BBSIPN
BBSIPD
VGAPPN
CHGUP
VREFPN
VREFPD
0
1
0
0
0
1/0
R = 0
R = 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
VREFPN: If cleared to 0, the internal reference voltage is powered down under the control of terminal
PWRDN and bit VREFPD. If bit VREFPN is set to 1, the power down is only controlled by bit
VREFPD.
VREFPD: This bit is functionally associated with bit VREFPN.
VGAPPN: If cleared to 0, the internal reference VGAP is powered down under the control of terminal
PWRDN. If this bit is set to 1, the VGAP is not placed in power-down mode.
TIMGPN: If cleared to 0, the internal reference VGAP is powered down under the control of terminal
PWRDN. If this bit is set to 1, the power-down control is only controlled by bit TIMPGD
TIMGPD: This bit is functionally associated with bit TIMGPN.
BBSIPN: If cleared to 0, the baseband serial interface is powered down under the control of terminal
PWRDN. If this bit is set to 1, the power down is only controlled by bit BBSIPD.
BBSIPD: This bit is functionally associated with bit BBSIPN. When this bit is set to 1, baseband serial
interface is in power-down mode.
CHGUP: This bit is used for testing purposes to accelerate the bandgap settling time.
RESRVD: Reserved bits for testing purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com