Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 59Page - ATMEL Corporation AT89LP4052 Datasheet HTML 60Page - ATMEL Corporation AT89LP4052 Datasheet HTML 61Page - ATMEL Corporation AT89LP4052 Datasheet HTML 62Page - ATMEL Corporation AT89LP4052 Datasheet HTML 63Page - ATMEL Corporation AT89LP4052 Datasheet HTML 64Page - ATMEL Corporation AT89LP4052 Datasheet HTML 65Page - ATMEL Corporation AT89LP4052 Datasheet HTML 66Page - ATMEL Corporation AT89LP4052 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
63
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.5
Load Code Page Buffer
Function:
• Loads 1 page (1 to 32 bytes) of data into the temporary page buffer but does not start
programming.
• Use for interruptible loads or loading non-contiguous bytes to a page.
• The byte address (offset in page) is initialized to bits [4:0] of the low address byte. One byte
of data is loaded from P1 for the current address by the positive edge of a XTAL1 pulse. The
internal address is incremented by one on the negative edge of the XTAL1 pulse. The
address will wrap around to the 1st byte of the page when incremented past 31, however
previously loaded bytes should not be re-loaded.
• The Load Page Buffer command needs to be followed by a write command as the internal
buffer is not cleared until either the next write has completed or the programming session
ends.
• Clears Bit 3 of the status byte to signal that the buffer contains data.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to 51h and pulse XTAL1 high.
4.
Drive P1 to 00h and pulse XTAL1 high.
5.
Drive P1 with bits [4:0] of address and pulse XTAL1 high.
6.
To load data bytes, drive data on P1 and pulse XTAL1 high to load one byte and incre-
ment to the next address. Repeat for additional bytes. Only 1-32 bytes may be
programmed at one time, including any bytes loaded by a previous load page buffer
command. Bytes should not be loaded more than once.
7.
Bring CS high.
Figure 23-9. Load Page Buffer Sequence
Note:
The waveform on this page is not to scale.
AAh
51h
00h
000bbbbb
DIN 0
CS
XTAL1
P1
DIN 1
DIN n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com