Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 61Page - ATMEL Corporation AT89LP4052 Datasheet HTML 62Page - ATMEL Corporation AT89LP4052 Datasheet HTML 63Page - ATMEL Corporation AT89LP4052 Datasheet HTML 64Page - ATMEL Corporation AT89LP4052 Datasheet HTML 65Page - ATMEL Corporation AT89LP4052 Datasheet HTML 66Page - ATMEL Corporation AT89LP4052 Datasheet HTML 67Page - ATMEL Corporation AT89LP4052 Datasheet HTML 68Page - ATMEL Corporation AT89LP4052 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
65
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.7
Read Code Page
Function:
• Read 1 page (1 to 32 bytes) of data from the Code Memory array.
• Page address determined by bits [11:5] of loaded address.
• The byte address (offset in page) is initialized to bits [4:0] of the low address byte. The
internal address is incremented by one on the negative edge of the XTAL1 pulse. The
address will wrap around to the 1st byte of the page when incremented past 31.
• Read data will be output on P1 after the falling edge of fourth XTAL1 pulse (address low byte
strobe). The programmer should tri-state P1 prior to this edge to avoid bus contention on P1.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to 30h and pulse XTAL1 high.
4.
Drive P1 with bits [15:8] of address and pulse XTAL1 high.
5.
Drive P1 with bits [7:0] of address and bring XTAL1 high.
6.
Tri-state P1.
7.
Bring XTAL1 low.
8.
Read data from P1.
9.
To read additional data bytes in the page, pulse XTAL1 high to increment to the next
address.
10. Drive CS high.
Figure 23-11. Read Code Page Sequence
Note:
The waveform on this page is not to scale.
AAh
30h
0000aaaa
aaabbbbb
DOUT 0
CS
XTAL1
P1
DOUT 1
DOUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com