Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 25Page - ATMEL Corporation AT89LP4052 Datasheet HTML 26Page - ATMEL Corporation AT89LP4052 Datasheet HTML 27Page - ATMEL Corporation AT89LP4052 Datasheet HTML 28Page - ATMEL Corporation AT89LP4052 Datasheet HTML 29Page - ATMEL Corporation AT89LP4052 Datasheet HTML 30Page - ATMEL Corporation AT89LP4052 Datasheet HTML 31Page - ATMEL Corporation AT89LP4052 Datasheet HTML 32Page - ATMEL Corporation AT89LP4052 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 94 page
background image
29
3547J–MICRO–10/09
AT89LP2052/LP4052
16.5
Pulse Width Modulation
Timer 0 and Timer 1 may be independently configured as 8-bit asymmetrical pulse width modu-
lators (PWM) by setting the PWM0EN or PWM1EN bits in TCONB, respectively. In PWM Mode
the generated waveform is output on the timer's pin, T0 or T1. C/T must be set to “0” when in
PWM mode. In Timer 0's PWM mode, TH0 acts as an 8-bit counter while RH0 stores the 8-bit
compare value. When TH0 is 00H the PWM output is set high. When the TH0 count reaches the
value stored in RH0 the PWM output is set low. Therefore, the pulse width is proportional to the
value in RH0. To prevent glitches writes to RH0 only take effect on the FFH to 00H overflow of
TH0. Timer 1 has the same behavior using TH1 and RH1. See Figure 16-5 for PWM waveform
example. Setting RH0 to 00H will keep the PWM output low.
The PWM will only function if the timer is in Mode 0 or Mode 1. In Mode 0, TL0 acts as a logarith-
mic prescaler driving TH0 (see Figure 16-6). The PSC0 bits in TCONB control the prescaler
value. In Mode 1, TL0 provides linear prescaling with an 8-bit auto-reload from RL0 (see Figure
16-7).
Figure 16-5. Asymmetrical Pulse Width Modulation
Table 16-3.
TCONB
– Timer/Counter Control Register B
TCONB = 91H
Reset Value = 0010 0100B
Not Bit Addressable
PWM1EN
PWM0EN
PSC12
PSC11
PSC10
PSC02
PSC01
PSC00
Bit
7
65
43
21
0
Symbol
Function
PWM1EN
Configures Timer 1 for Pulse Width Modulation output on T1 (P3.5).
PWM0EN
Configures Timer 0 for Pulse Width Modulation output on T0 (P3.4).
PSC12
PSC11
PSC10
Prescaler for Timer 1 Mode 0. The number of active bits in TL1 equals PSC1 + 1. After reset PSC1 = 100B which
enables 5 bits of TL1 for compatibility with the 13-bit Mode 0 in AT89S2051.
PSC02
PSC01
PSC00
Prescaler for Timer 0 Mode 0. The number of active bits in TL0 equals PSC0 + 1. After reset PSC0 = 100B which
enables 5 bits of TL0 for compatibility with the 13-bit Mode 0 in AT89C52.
PWM Output (T0)
Counter Value (TH0)
Compare Value (RH0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com