Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 73Page - ATMEL Corporation AT89LP4052 Datasheet HTML 74Page - ATMEL Corporation AT89LP4052 Datasheet HTML 75Page - ATMEL Corporation AT89LP4052 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052 Datasheet HTML 79Page - ATMEL Corporation AT89LP4052 Datasheet HTML 80Page - ATMEL Corporation AT89LP4052 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
77
3547J–MICRO–10/09
AT89LP2052/LP4052
23.5.6
ISP Command Sequence
The ISP multi-byte command sequence is shown in Figure 23-27.
•SS should be brought low before the first byte in a command is sent and brought back high
after the final byte in the command has been sent. The command is not complete until SS
returns high.
• Command bytes are issued serially on MOSI (P1.5).
• Data bytes are output serially on MISO (P1.6).
Figure 23-27. ISP Command Sequence
70
654321
7
0
654321
7
0
654321
7
0
654321
70
654321
SS
SCK
MOSI
MISO
Preamble
Opcode
Address High
Address Low
Data In
Data Out
X
X
X
X
Table 23-4.
Serial Programming Interface Parameters
Symbol
Parameter
Min
Max
Units
tSCK
Serial Clock Cycle Time
200
ns
t
SHSL
Clock High Time
100
ns
t
SLSH
Clock Low Time
50
ns
tSR
Rise Time
25
ns
t
SF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
tSIH
Serial Input Hold Time
10
ns
t
SOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
tSOE
Output Enable Time
10
ns
t
SOX
Output Disable Time
25
ns
t
SSE
SS Enable Lead Time
100
ns
tSSD
SS Disable Lag Time
100
ns
t
WRC
Wire Cycle Time
4.5
ms
t
ERS
Erase Cycle Time
9
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com