Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 85Page - ATMEL Corporation AT89LP4052 Datasheet HTML 86Page - ATMEL Corporation AT89LP4052 Datasheet HTML 87Page - ATMEL Corporation AT89LP4052 Datasheet HTML 88Page - ATMEL Corporation AT89LP4052 Datasheet HTML 89Page - ATMEL Corporation AT89LP4052 Datasheet HTML 90Page - ATMEL Corporation AT89LP4052 Datasheet HTML 91Page - ATMEL Corporation AT89LP4052 Datasheet HTML 92Page - ATMEL Corporation AT89LP4052 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
89
3547J–MICRO–10/09
AT89LP2052/LP4052
27. Revision History
Revision A – March 2005
•
Initial Release
Revision B – June 2005
•
Last paragraph in Section 13.2 on page 15 was inserted.
Revision C – August 2005
•
In Table 16-3 on page 26, changed the SFR address for TCONB from 88H to 91H.
•
Changed the Maximum Bit Frequency from f/2 to f/4 in the
“Serial Peripheral Interface” on page 42.
•
In the “SPI Block Diagram” on page 43, the 16-bit reference was deleted
from Shift Register box.
•
In the “SPSR – SPI Status Register” on page 46, the Divider ratios were changed
to the following:
÷4÷8÷32÷64
•
Replaced CM3 with CM2 in Bit 2 of register ACSR (page 50)
•
In the “Programming Command Summary” on page 58, several changes were
made in specific bit positions within the Addr High, Addr Low and Data 0 columns.
Revision D – April 2006
•
Added ROHS compliant device offerings.
Revision E – June 2006
•
In pages 1, 82 and 83, the reference to VCC = 2.7V were changed to 2.4V. On page 79 the
maximum rating for the operating temperature was changed from +125
⋅ C to +85⋅ C.
Revision F – June 2006
•
In Table 6-1 on page 6, changed the SFR address of SPDR from 85H to 86H.
Revision G – April 2007
•
In section 7.8 ”Reset” on page 8 changed the polarity of the RST input signal requirement
from low to high.
•
Added Section 11. “Oscillator Characteristics” on page 11.
Revision H – May 2007
•
Changed TMOD to TCON (Table 16-1 on page 27).
•
Changed SPI = 1 and SPI = 0 to SPE = 1 and SPE = 0 (Table 19-1 on page 45).
Revision I – June 2008
•
Removed Standard Packaging Offering.
Revision J – Oct. 2009
•
Added R1 option to oscillator connection diagram Figure 11-1 on page 11.
•
Added related oscillator amplitude graphs Figures 11-3 and 11-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com