Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 43Page - ATMEL Corporation AT89LP4052 Datasheet HTML 44Page - ATMEL Corporation AT89LP4052 Datasheet HTML 45Page - ATMEL Corporation AT89LP4052 Datasheet HTML 46Page - ATMEL Corporation AT89LP4052 Datasheet HTML 47Page - ATMEL Corporation AT89LP4052 Datasheet HTML 48Page - ATMEL Corporation AT89LP4052 Datasheet HTML 49Page - ATMEL Corporation AT89LP4052 Datasheet HTML 50Page - ATMEL Corporation AT89LP4052 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
47
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 19-3. SPI Shift Register Diagram
19.3
Serial Clock Generator
The CPHA (Clock PHAse), CPOL (Clock POLarity), and SPR (Serial Peripheral clock Rate =
baud rate) bits in SPCR control the shape and rate of SCK. The two SPR bits provide four possi-
ble clock rates when the SPI is in master mode. In slave mode, the SPI will operate at the rate of
the incoming SCK as long as it does not exceed the maximum bit rate. There are also four pos-
sible combinations of SCK phase and polarity with respect to the serial data. CPHA and CPOL
determine which format is used for transmission. The SPI data transfer formats are shown in
Figures 19-4 and and 19-5. To prevent glitches on SCK from disrupting the interface, CPHA,
CPOL, and SPR should be set up before the interface is enabled, and the master device should
be enabled before the slave device(s).
2:1
MUX
2:1
MUX
Serial Master
Serial Slave
LATCH
DQ
CLK
LATCH
DQ
CLK
LATCH
DQ
CLK
LATCH
DQ
CLK
Parallel Slave
(Read Buffer)
Parallel Master
(Write Buffer)
Serial Out
Receive
Byte
Serial In
Transmit
Byte
8
8
8
8
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com