Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052 Datasheet HTML 79Page - ATMEL Corporation AT89LP4052 Datasheet HTML 80Page - ATMEL Corporation AT89LP4052 Datasheet HTML 81Page - ATMEL Corporation AT89LP4052 Datasheet HTML 82Page - ATMEL Corporation AT89LP4052 Datasheet HTML 83Page - ATMEL Corporation AT89LP4052 Datasheet HTML 84Page - ATMEL Corporation AT89LP4052 Datasheet HTML 85Page - ATMEL Corporation AT89LP4052 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
82
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 24-4. SPI Slave Timing (CPHA = 1)
24.4
External Clock Drive
Figure 24-5. External Clock Drive Waveform
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
t
SCK
t
SSE
t
SHSL
t
SHSL
t
SLSH
t
SLSH
t
SSD
t
SIH
t
SIS
t
SOE
t
SOV
t
SOH
t
SOX
t
SF
t
SR
Table 24-3.
External Clock Drive Parameters
Symbol
Parameter
VCC = 2.4V to 5.5V
Units
Min
Max
1/t
CLCL
Oscillator Frequency
0
20
MHz
tCLCL
Clock Period
50
ns
tCHCX
High Time
12
ns
t
CLCX
Low Time
12
ns
tCLCH
Rise Time
5
ns
tCHCL
Fall Time
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com