Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 8Page - ATMEL Corporation AT89LP4052 Datasheet HTML 9Page - ATMEL Corporation AT89LP4052 Datasheet HTML 10Page - ATMEL Corporation AT89LP4052 Datasheet HTML 11Page - ATMEL Corporation AT89LP4052 Datasheet HTML 12Page - ATMEL Corporation AT89LP4052 Datasheet HTML 13Page - ATMEL Corporation AT89LP4052 Datasheet HTML 14Page - ATMEL Corporation AT89LP4052 Datasheet HTML 15Page - ATMEL Corporation AT89LP4052 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
12
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 11-3. Quartz Crystal Clock Source (B)
Figure 11-4. Ceramic Resonator Clock Source (A)
Quartz Crystal Clock Input
0
1
2
3
4
5
6
7
04
8
12
16
20
24
Frequency (MHz)
C2=0pF
C2=5pF
C2=10pF
R1=4 MΩ
Ceramic Resonator Clock Input
0
1
2
3
4
5
6
7
04
8
12
16
20
24
Frequency (MHz)
C1=C2=0pF
C1=C2=5pF
C1=C2=10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com