Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 16Page - ATMEL Corporation AT89LP4052 Datasheet HTML 17Page - ATMEL Corporation AT89LP4052 Datasheet HTML 18Page - ATMEL Corporation AT89LP4052 Datasheet HTML 19Page - ATMEL Corporation AT89LP4052 Datasheet HTML 20Page - ATMEL Corporation AT89LP4052 Datasheet HTML 21Page - ATMEL Corporation AT89LP4052 Datasheet HTML 22Page - ATMEL Corporation AT89LP4052 Datasheet HTML 23Page - ATMEL Corporation AT89LP4052 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
20
3547J–MICRO–10/09
AT89LP2052/LP4052
15. I/O Ports
All 15 port pins on the AT89LP2052/LP4052 may be configured to one of four modes: quasi-bidi-
rectional (standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port
modes may be assigned in software on a pin-by-pin basis as shown in Table 15-1. All port pins
default to input-only mode after reset. Each port pin also has a Schmitt-triggered input for
improved input noise rejection. During Power-down all the Schmitt-triggered inputs are disabled
with the exception of P3.2 and P3.3, which may be used to wake-up the device. Therefore P3.2
and P3.3 should not be left floating during Power-down.
15.1
Quasi-bidirectional Output
Port pins in quasi-bidirectional output mode function similar to standard 8051 port pins. A Quasi-
bidirectional port can be used both as an input and output without the need to reconfigure the
port. This is possible because when the port outputs a logic high, it is weakly driven, allowing an
external device to pull the pin low. When the pin is driven low, it is driven strongly and able to
sink a large current. There are three pull-up transistors in the quasi-bidirectional output that
serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port register for
the pin contains a logic “1”. This very weak pull-up sources a very small current that will pull the
pin high if it is left floating.
Table 14-4.
IPH
– Interrupt Priority High Register
IPH = B7H
Reset Value = X0X0 0000B
Not Bit Addressable
–
PCH
–
PSH
PT1H
PX1H
PT0H
PX0H
Bit
7
6
543
21
0
Symbol
Function
PCH
Comparator Interrupt Priority High
PSH
Serial Port Interrupt Priority High
PT1H
Timer 1 Interrupt Priority High
PX1H
External Interrupt 1 Priority High
PT0H
Timer 0 Interrupt Priority High
PX0H
External Interrupt 0 Priority High
Table 15-1.
Configuration Modes for Port x, Bit y
PxM0.y
PxM1.y
Port Mode
0
0
Quasi-bidirectional
0
1
Push-pull Output
1
0
Input Only (High Impedance)
1
1
Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com