Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 21Page - ATMEL Corporation AT89LP4052 Datasheet HTML 22Page - ATMEL Corporation AT89LP4052 Datasheet HTML 23Page - ATMEL Corporation AT89LP4052 Datasheet HTML 24Page - ATMEL Corporation AT89LP4052 Datasheet HTML 25Page - ATMEL Corporation AT89LP4052 Datasheet HTML 26Page - ATMEL Corporation AT89LP4052 Datasheet HTML 27Page - ATMEL Corporation AT89LP4052 Datasheet HTML 28Page - ATMEL Corporation AT89LP4052 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
25
3547J–MICRO–10/09
AT89LP2052/LP4052
a control bit in the Special Function Register TCON. GATE is in TMOD. The 13-bit register con-
sists of all 8 bits of TH1 and the lower 5 bits of TL1. The upper 3 bits of TL1 are indeterminate
and should be ignored. Setting the run flag (TR1) does not clear the registers. See Figure 16-1.
Figure 16-1. Timer/Counter 1 Mode 0: Variable Width Counter
Mode 0 operation is the same for Timer 0 as for Timer 1, except that TR0, TF0 and INT0 replace
the corresponding Timer 1 signals in Figure 16-1. There are two different GATE bits, one for
Timer 1 (TMOD.7) and one for Timer 0 (TMOD.3).
16.2
Mode 1
In Mode 1 the Timers are configured for 16-bit auto-reload. The Timer register is run with all 16
bits. The 16-bit reload value is stored in the high and low reload registers (RH1/RL1). The clock
is applied to the combined high and low timer registers (TH1/TL1). As clock pulses are received,
the timer counts up: 0000H, 0001H, 0002H, etc. An overflow occurs on the FFFFH-to-0000H
transition, upon which the timer register is reloaded with the value from RH1/RL1 and the over-
flow flag bit in TCON is set. See Figure 16-2. The reload registers default to 0000H, which gives
the full 16-bit timer period compatible with the standard 8051. Mode 1 operation is the same for
Timer/Counter 0.
Figure 16-2. Timer/Counter 1 Mode 1: 16-bit Auto-Reload
OSC
T1 Pin
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T = 1
PSC1
TH1
(8 Bits)
TF1
OSC
T1 Pin
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
Interrupt
C/T = 0
C/T =1
TH1
(8 Bits)
TF1
RL1
(8 Bits)
RH1
(8 Bits)
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com