Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 70Page - ATMEL Corporation AT89LP4052 Datasheet HTML 71Page - ATMEL Corporation AT89LP4052 Datasheet HTML 72Page - ATMEL Corporation AT89LP4052 Datasheet HTML 73Page - ATMEL Corporation AT89LP4052 Datasheet HTML 74Page - ATMEL Corporation AT89LP4052 Datasheet HTML 75Page - ATMEL Corporation AT89LP4052 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
74
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 23-21. ISP/Serial Programming Device Connections
Note:
SCK frequency should be less than 5 MHz.
23.5.1
Power-up Sequence
Execute this sequence to power-up the device before serial programming.
1.
Apply power between VCC and GND pins.
2.
Keep SCK (P1.7) and SS (P1.4) at “L”.
3.
Wait 10 µs and bring RST and SS to “H”.
4.
Wait at least 2 ms for internal Power-on Reset to time out.
Figure 23-22. Serial Programming Power-up Sequence
AT89LP2052/LP4052
VCC
RST
P1.7/SCK
P1.5/MOSI
GND
2.7 to 5.5V
Serial Clock
Se rial In
VIH
P1.4/SS
P1.6/MISO
Serial Out
CS
VCC
RST
SS
SCK
HIGH Z
MISO
HIGH Z
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com