Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 74Page - ATMEL Corporation AT89LP4052 Datasheet HTML 75Page - ATMEL Corporation AT89LP4052 Datasheet HTML 76Page - ATMEL Corporation AT89LP4052 Datasheet HTML 77Page - ATMEL Corporation AT89LP4052 Datasheet HTML 78Page - ATMEL Corporation AT89LP4052 Datasheet HTML 79Page - ATMEL Corporation AT89LP4052 Datasheet HTML 80Page - ATMEL Corporation AT89LP4052 Datasheet HTML 81Page - ATMEL Corporation AT89LP4052 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
78
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 23-28. Serial Programming Interface Timing
tSR
tSSE
tSLSH
tSOV
tSF
tSOX
tSSD
tSCK
tSHSL
tSOE
tSOH
tSIH
tSIS
SS
SCK
MISO
MOSI
24. Electrical Characteristics
24.1
Absolute Maximum Ratings*
Operating Temperature ................................... -40°C to +85°C
Note:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with Respect to Ground ......-0.7V to +6.2V
Maximum Operating Voltage ............................................ 5.5V
DC Output Current...................................................... 15.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com