Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 46Page - ATMEL Corporation AT89LP4052 Datasheet HTML 47Page - ATMEL Corporation AT89LP4052 Datasheet HTML 48Page - ATMEL Corporation AT89LP4052 Datasheet HTML 49Page - ATMEL Corporation AT89LP4052 Datasheet HTML 50Page - ATMEL Corporation AT89LP4052 Datasheet HTML 51Page - ATMEL Corporation AT89LP4052 Datasheet HTML 52Page - ATMEL Corporation AT89LP4052 Datasheet HTML 53Page - ATMEL Corporation AT89LP4052 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
50
3547J–MICRO–10/09
AT89LP2052/LP4052
Table 20-1.
ACSR
– Analog Comparator Control & Status Register
ACSR = 97H
Reset Value = XXX0 0000B
Not Bit Addressable
––
CIDL
CF
CEN
CM2
CM1
CM0
Bit
7
6
543
21
0
Symbol
Function
CIDL
Comparator Idle Enable. If CIDL = 1 the comparator will continue to operate during Idle mode. If CIDL = 0 the
comparator is powered down during Idle mode. The comparator is always shut down during Power-down mode.
CF
Comparator Interrupt Flag. Set when the comparator output meets the conditions specified by the CM [2:0] bits and CEN
is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE.
CEN
Comparator Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and
prevent further events from setting CF.
CM [2:0]
Comparator Interrupt Mode
2
1
0
Interrupt Mode
000Negative (Low) level
001Positive edge
010Toggle with debounce
011Positive edge with debounce
100Negative edge
101Toggle
110Negative edge with debounce
111Positive (High) level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com