Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89LP4052 Datasheet HTML 1Page - ATMEL Corporation AT89LP4052 Datasheet HTML 2Page - ATMEL Corporation AT89LP4052 Datasheet HTML 3Page - ATMEL Corporation AT89LP4052 Datasheet HTML 4Page - ATMEL Corporation AT89LP4052 Datasheet HTML 5Page - ATMEL Corporation AT89LP4052 Datasheet HTML 6Page - ATMEL Corporation AT89LP4052 Datasheet HTML 7Page - ATMEL Corporation AT89LP4052 Datasheet HTML 8Page - ATMEL Corporation AT89LP4052 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
5
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 5-1.
Program Memory Map
5.2
Data Memory
The AT89LP2052/LP4052 contains 256 bytes of general SRAM data memory plus 128 bytes of
I/O memory. The lower 128 bytes of data memory may be accessed through both direct and
indirect addressing. The upper 128 bytes of data memory and the 128 bytes of I/O memory
share the same address space (see Figure 5-2). The upper 128 bytes of data memory may only
be accessed using indirect addressing. The I/O memory can only be accessed through direct
addressing and contains the Special Function Registers (SFRs). The lowest 32 bytes of data
memory are grouped into 4 banks of 8 registers each. The RS0 and RS1 bits (PSW.3 and
PSW.4) select which register bank is in use. Instructions using register addressing will only
access the currently specified bank. The AT89LP2052/LP4052 does not support external data
memory.
Figure 5-2.
Data Memory Map
Program Memory
AT89LP2052
0000
07FF
0000
0FFF
Program Memory
AT89LP4052
FFH
Upper
128
80H
7FH
Lower
128
0
Accessible
By Indirect
Addressing
Only
FFH
80H
Special
Function
Registers
Ports
Status and
Control Bits
Registers
Stack Pointer
Accumulator
(Etc.)
Timers
Accessible
By Direct and
Indirect
Addressing
Accessible
By Direct
Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com