Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 66Page - ATMEL Corporation AT89LP4052 Datasheet HTML 67Page - ATMEL Corporation AT89LP4052 Datasheet HTML 68Page - ATMEL Corporation AT89LP4052 Datasheet HTML 69Page - ATMEL Corporation AT89LP4052 Datasheet HTML 70Page - ATMEL Corporation AT89LP4052 Datasheet HTML 71Page - ATMEL Corporation AT89LP4052 Datasheet HTML 72Page - ATMEL Corporation AT89LP4052 Datasheet HTML 73Page - ATMEL Corporation AT89LP4052 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
70
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.13
Write User Fuses
Function:
• Program User Fuses.
• Unimplemented bits should always be written with 1s.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to E1h and pulse XTAL1 high.
4.
Drive P1 to 00h and pulse XTAL1 high.
5.
Drive P1 to 00h and pulse XTAL1 high.
6.
Drive data on P1 and pulse XTAL1 high.
7.
Drive CS high.
8.
Wait 4 ms, monitor P3.1, or poll data/status.
Figure 23-17. Write User Fuses Sequence
23.4.14
Read User Fuses
Function:
• Read status of User Fuses
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to 0xAA and pulse XTAL1 high.
3.
Drive P1 to 0x61 and pulse XTAL1 high.
4.
Drive P1 to 0x00 and pulse XTAL1 high.
5.
Drive P1 to 0x00 and bring XTAL1 high.
6.
Tri-state P1.
7.
Bring XTAL1 low.
8.
Read data from P1.
9.
Drive CS high.
Figure 23-18. Read User Fuses Sequence
Note:
The waveforms on this page are not to scale.
AAh
E1h
00h
00h
1111FFFF
CS
XTAL1
P1
RDY/BSY
AAh
61h
00h
00h
1111FFFF
CS
XTAL1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com