Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 56Page - ATMEL Corporation AT89LP4052 Datasheet HTML 57Page - ATMEL Corporation AT89LP4052 Datasheet HTML 58Page - ATMEL Corporation AT89LP4052 Datasheet HTML 59Page - ATMEL Corporation AT89LP4052 Datasheet HTML 60Page - ATMEL Corporation AT89LP4052 Datasheet HTML 61Page - ATMEL Corporation AT89LP4052 Datasheet HTML 62Page - ATMEL Corporation AT89LP4052 Datasheet HTML 63Page - ATMEL Corporation AT89LP4052 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
60
3547J–MICRO–10/09
AT89LP2052/LP4052
Figure 23-2. Flash Parallel Programming Device Connections
Note:
Sampling of pin P3.1 (RDY/BSY) is optional. During Parallel Programming, P3.1 will be pulled low
while the device is busy. Note that it does not require an external passive pull-up to VCC.
While CS is high, the interface is reset to its default state and P1 is tri-stated. CS should be
brought low before the first byte of a command is issued, and should return high only after the
last byte of the command has been strobed. Figure 23-3 shows a generic parallel write com-
mand sequence. Command, address, and data bytes are sampled from P1 on the rising edge of
the XTAL1 pulse. Figure 23-4 shows a generic parallel read command sequence. Command
and address bytes are sampled from P1 on the rising edge of the XTAL1 pulse. At the falling
edge of the fourth XTAL1 pulse the device enables P1 to output data. The data remains on P1
until CS is brought high. During reads the parallel programmer should tri-state P1 before the
negative edge of the fourth XTAL1 pulse to avoid bus contention.
Figure 23-3. Parallel Write Command Sequence
Figure 23-4. Parallel Read Command Sequence
AT89LP2052/LP4052
VCC
P1
RST
P3.1
X TAL 1
P3.2
GND
2.7 to 5.5V
R DY/BSY
CS
VPP
DATA
AAh
OPCODE
ADDRH
ADDRL
DATAIN
CS
XTAL1
P1
AAh
OPCODE
ADDRH
ADDRL
DATAOUT
CS
XTAL1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com