Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 24Page - ATMEL Corporation AT89LP4052 Datasheet HTML 25Page - ATMEL Corporation AT89LP4052 Datasheet HTML 26Page - ATMEL Corporation AT89LP4052 Datasheet HTML 27Page - ATMEL Corporation AT89LP4052 Datasheet HTML 28Page - ATMEL Corporation AT89LP4052 Datasheet HTML 29Page - ATMEL Corporation AT89LP4052 Datasheet HTML 30Page - ATMEL Corporation AT89LP4052 Datasheet HTML 31Page - ATMEL Corporation AT89LP4052 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
28
3547J–MICRO–10/09
AT89LP2052/LP4052
.
.
Table 16-2.
TMOD: Timer/Counter Mode Control Register
TMOD = 89H
Reset Value = 0000 0000B
Not Bit Addressable
GATE
C/T
M1
M0
GATE
C/T
M1
M0
76
5432
10
Timer1
Timer0
Gate
Gating control: when set Timer/Counter x is enabled only
while INTx pin is high and TRx control pin is set. When
cleared, Timer x is enabled whenever TRx control bit
is set.
Timer 0 gate bit
Timer 0 counter/timer select bit
C/T
Timer or Counter Selector: cleared for Timer operation
(input from internal system clock). Set for Counter
operation (input from Tx input pin).
Timer 0 M1 bit
Timer 0 M0 bit
M1
Mode bit 1
M0
Mode bit 0
M1
M0
Mode
Operating Mode
000Variable 9 - 16-bit Timer/Counter.
8-bit Timer/Counter THz with TLx as 1 - 8-bit prescaler.
0
1
1
16-bit Auto Reload Timer/Counter.
8-bit Timer/Counters THx and TLx are cascaded; there is no prescaler.
1028-bit Auto Reload Timer/Counter.
8-bit auto-reload Timer/Counter THx holds a value which is to be
reloaded into TLx each time it overflows.
113Split Timer/Counter.
(Timer 0) TL0 is an 8-bit Timer/Counter controlled by the standard
Timer 0 control bits. TH0 is an 8-bit timer only controlled by Timer 1
control bits.
113(Timer 1) Timer/Counter 1 stopped.
Timer SFR
Purpose
Address
Bit-Addressable
TCON
Control
88H
Yes
TMOD
Mode
89H
No
TL0
Timer 0 low-byte
8AH
No
TL1
Timer 1 low-byte
8BH
No
TH0
Timer 0 high-byte
8CH
No
TH1
Timer 1 high-byte
8DH
No
TCONB
Mode
91H
No
RL0
Timer 0 reload low-byte
92H
No
RL1
Timer 1 reload low-byte
93H
No
RH0
Timer 0 reload high-byte
94H
No
RH1
Timer 1 reload high-byte
95H
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com