Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 58Page - ATMEL Corporation AT89LP4052 Datasheet HTML 59Page - ATMEL Corporation AT89LP4052 Datasheet HTML 60Page - ATMEL Corporation AT89LP4052 Datasheet HTML 61Page - ATMEL Corporation AT89LP4052 Datasheet HTML 62Page - ATMEL Corporation AT89LP4052 Datasheet HTML 63Page - ATMEL Corporation AT89LP4052 Datasheet HTML 64Page - ATMEL Corporation AT89LP4052 Datasheet HTML 65Page - ATMEL Corporation AT89LP4052 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
62
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.3
Program Enable
Function:
• Enables the programming interface to receive commands.
• Program Enable must be the first command issued in any programming session. In parallel
programming a session is active while RST remains at V
PP. In serial programming a session
is active while RST remains at V
CC.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to ACh and pulse XTAL1 high.
4.
Drive P1 to 53h and pulse XTAL1 high.
5.
Bring CS high.
Figure 23-7. Program Enable Sequence
23.4.4
Chip Erase
Function:
• Erases (programs FFh to) the entire 2/4-Kbyte memory array.
• Erases User Signature Row if User Row Programming Fuse bit is enabled.
• Lockbit1 and Lockbit2 are programmed to “unlock” state.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to 8Ah and pulse XTAL1 high.
4.
Bring CS high.
5.
Wait 4 ms, monitor P3.1, or poll data/status.
Figure 23-8. Chip Erase Sequence
Note:
The waveforms on this page are not to scale.
AAh
ACh
53h
CS
XTAL1
P1
AAh
8Ah
CS
XTAL1
P1
RDY/BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com