Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP4052 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT89LP4052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP4052 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT89LP4052 Datasheet HTML 62Page - ATMEL Corporation AT89LP4052 Datasheet HTML 63Page - ATMEL Corporation AT89LP4052 Datasheet HTML 64Page - ATMEL Corporation AT89LP4052 Datasheet HTML 65Page - ATMEL Corporation AT89LP4052 Datasheet HTML 66Page - ATMEL Corporation AT89LP4052 Datasheet HTML 67Page - ATMEL Corporation AT89LP4052 Datasheet HTML 68Page - ATMEL Corporation AT89LP4052 Datasheet HTML 69Page - ATMEL Corporation AT89LP4052 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
66
3547J–MICRO–10/09
AT89LP2052/LP4052
23.4.8
Write User Signature Page
Function:
• Programs 1 to 32 bytes of data into the User Signature Row.
• The User Row Programming Fuse must be enabled before writing to the User Signature Row.
• The byte address (offset in page) is initialized to bits [4:0] of the low address byte. One byte
of data is loaded from P1 for the current address by the positive edge of a XTAL1 pulse. The
internal address is incremented by one on the negative edge of the XTAL1 pulse. The
address will wrap around to the 1st byte of the page when incremented past 31, however
previously loaded bytes should not be re-loaded.
Usage:
1.
Bring CS (P3.2) low.
2.
Drive P1 to AAh and pulse XTAL1 high.
3.
Drive P1 to 52h and pulse XTAL1 high.
4.
Drive P1 to 00h and pulse XTAL1 high.
5.
Drive P1 with bits [4:0] of address and pulse XTAL1 high.
6.
To write only previously loaded data, bring CS high before loading additional bytes. To
load data bytes, drive data on P1 and pulse XTAL1 high to load one byte and increment
to the next address. Repeat for additional bytes. Only 1-32 bytes may be programmed
at one time, including any bytes loaded by a previous load page buffer command. Bytes
should not be loaded more than once.
7.
Bring CS high.
8.
Wait 2 ms, monitor P3.1, or poll data/status.
Note:
It is not possible to skip bytes while loading data during write. To load non-contiguous bytes in a
page, use the Load Page Buffer command.
Figure 23-12. Write User Signature Page Sequence
Note:
The waveform on this page is not to scale.
AAh
52h
00h
000bbbbb
DIN 0
CS
XTAL1
P1
DIN 1
DIN n
RDY/BSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com