Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 30Page - Renesas Technology Corp R32C152 Datasheet HTML 31Page - Renesas Technology Corp R32C152 Datasheet HTML 32Page - Renesas Technology Corp R32C152 Datasheet HTML 33Page - Renesas Technology Corp R32C152 Datasheet HTML 34Page - Renesas Technology Corp R32C152 Datasheet HTML 35Page - Renesas Technology Corp R32C152 Datasheet HTML 36Page - Renesas Technology Corp R32C152 Datasheet HTML 37Page - Renesas Technology Corp R32C152 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 34 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.15
SFR List (15)
Address
Register
Symbol
Reset Value
000320h
000321h
000322h
000323h
000324h
000325h
000326h
000327h
000328h
000329h
00032Ah
00032Bh
00032Ch
00032Dh
00032Eh
00032Fh
000330h
000331h
000332h
000333h
000334h UART2 Special Mode Register 4
U2SMR4
00h
000335h UART2 Special Mode Register 3
U2SMR3
00h
000336h UART2 Special Mode Register 2
U2SMR2
00h
000337h UART2 Special Mode Register
U2SMR
00h
000338h UART2 Transmission/Receive Mode Register
U2MR
00h
000339h UART2 Bit Rate Register
U2BRG
XXh
00033Ah UART2 Transmit Buffer Register
U2TB
XXXXh
00033Bh
00033Ch UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
00033Dh UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
00033Eh UART2 Receive Buffer Register
U2RB
XXXXh
00033Fh
000340h Count Start Register
TABSR
00h
000341h Clock Prescaler Reset Register
CPSRF
0XXX XXXXb
000342h One-shot Start Register
ONSF
00h
000343h Trigger Select Register
TRGSR
00h
000344h Increment/Decrement Counting Select Register
UDF
0000 0000b
000345h
000346h Timer A0 Register
TA0
XXXXh
000347h
000348h Timer A1 Register
TA1
XXXXh
000349h
00034Ah Timer A2 Register
TA2
XXXXh
00034Bh
00034Ch Timer A3 Register
TA3
XXXXh
00034Dh
00034Eh Timer A4 Register
TA4
XXXXh
00034Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com