Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 53Page - Renesas Technology Corp R32C152 Datasheet HTML 54Page - Renesas Technology Corp R32C152 Datasheet HTML 55Page - Renesas Technology Corp R32C152 Datasheet HTML 56Page - Renesas Technology Corp R32C152 Datasheet HTML 57Page - Renesas Technology Corp R32C152 Datasheet HTML 58Page - Renesas Technology Corp R32C152 Datasheet HTML 59Page - Renesas Technology Corp R32C152 Datasheet HTML 60Page - Renesas Technology Corp R32C152 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 57 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.38
SFR List (38)
Address
Register
Symbol
Reset Value
047520h CAN2 Mailbox 18: Message Identifier
C2MB18
XXXX XXXXh
047521h
047522h
047523h
047524h
047525h CAN2 Mailbox 18: Data Length
XXh
047526h CAN2 Mailbox 18: Data Field
XXXX XXXX
XXXX XXXXh
047527h
047528h
047529h
04752Ah
04752Bh
04752Ch
04752Dh
04752Eh CAN2 Mailbox 18: Time Stamp
XXXXh
04752Fh
047530h CAN2 Mailbox 19: Message Identifier
C2MB19
XXXX XXXXh
047531h
047532h
047533h
047534h
047535h CAN2 Mailbox 19: Data Length
XXh
047536h CAN2 Mailbox 19: Data Field
XXXX XXXX
XXXX XXXXh
047537h
047538h
047539h
04753Ah
04753Bh
04753Ch
04753Dh
04753Eh CAN2 Mailbox 19: Time Stamp
XXXXh
04753Fh
047540h CAN2 Mailbox 20: Message Identifier
C2MB20
XXXX XXXXh
047541h
047542h
047543h
047544h
047545h CAN2 Mailbox 20: Data Length
XXh
047546h CAN2 Mailbox 20: Data Field
XXXX XXXX
XXXX XXXXh
047547h
047548h
047549h
04754Ah
04754Bh
04754Ch
04754Dh
04754Eh CAN2 Mailbox 20: Time Stamp
XXXXh
04754Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com