Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 58Page - Renesas Technology Corp R32C152 Datasheet HTML 59Page - Renesas Technology Corp R32C152 Datasheet HTML 60Page - Renesas Technology Corp R32C152 Datasheet HTML 61Page - Renesas Technology Corp R32C152 Datasheet HTML 62Page - Renesas Technology Corp R32C152 Datasheet HTML 63Page - Renesas Technology Corp R32C152 Datasheet HTML 64Page - Renesas Technology Corp R32C152 Datasheet HTML 65Page - Renesas Technology Corp R32C152 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 62 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.43
SFR List (43)
Address
Register
Symbol
Reset Value
047610h CAN2 Acceptance Mask Register 4
C2MKR4
XXXX XXXXh
047611h
047612h
047613h
047614h CAN2 Acceptance Mask Register 5
C2MKR5
XXXX XXXXh
047615h
047616h
047617h
047618h CAN2 Acceptance Mask Register 6
C2MKR6
XXXX XXXXh
047619h
04761Ah
04761Bh
04761Ch CAN2 Acceptance Mask Register 7
C2MKR7
XXXX XXXXh
04761Dh
04761Eh
04761Fh
047620h CAN2 FIFO Received ID Compare Register 0
C2FIDCR0
XXXX XXXXh
047621h
047622h
047623h
047624h CAN2 FIFO Received ID Compare Register 1
C2FIDCR1
XXXX XXXXh
047625h
047626h
047627h
047628h CAN2 Mask Invalid Register
C2MKIVLR
XXXX XXXXh
047629h
04762Ah
04762Bh
04762Ch CAN2 Mailbox Interrupt Enable Register
C2MIER
XXXX XXXXh
04762Dh
04762Eh
04762Fh
047630h
047631h
047632h
047633h
047634h
047635h
047636h
047637h
047638h
047639h
04763Ah
04763Bh
04763Ch
04763Dh
04763Eh
04763Fh
047640h to
04771Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com