Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 22Page - Renesas Technology Corp R32C152 Datasheet HTML 23Page - Renesas Technology Corp R32C152 Datasheet HTML 24Page - Renesas Technology Corp R32C152 Datasheet HTML 25Page - Renesas Technology Corp R32C152 Datasheet HTML 26Page - Renesas Technology Corp R32C152 Datasheet HTML 27Page - Renesas Technology Corp R32C152 Datasheet HTML 28Page - Renesas Technology Corp R32C152 Datasheet HTML 29Page - Renesas Technology Corp R32C152 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 26 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.7
SFR List (7)
Address
Register
Symbol
Reset Value
000140h Group 2 Time Measurement/Waveform Generation Register 0 G2TM0/G2PO0
XXXXh
000141h
000142h Group 2 Time Measurement/Waveform Generation Register 1 G2TM1/G2PO1
XXXXh
000143h
000144h Group 2 Time Measurement/Waveform Generation Register 2 G2TM2/G2PO2
XXXXh
000145h
000146h Group 2 Time Measurement/Waveform Generation Register 3 G2TM3/G2PO3
XXXXh
000147h
000148h Group 2 Time Measurement/Waveform Generation Register 4 G2TM4/G2PO4
XXXXh
000149h
00014Ah Group 2 Time Measurement/Waveform Generation Register 5 G2TM5/G2PO5
XXXXh
00014Bh
00014Ch Group 2 Time Measurement/Waveform Generation Register 6 G2TM6/G2PO6
XXXXh
00014Dh
00014Eh Group 2 Time Measurement/Waveform Generation Register 7 G2TM7/G2PO7
XXXXh
00014Fh
000150h Group 2 Waveform Generation Control Register 0
G2POCR0
0000 X000b
000151h Group 2 Waveform Generation Control Register 1
G2POCR1
0X00 X000b
000152h Group 2 Waveform Generation Control Register 2
G2POCR2
0X00 X000b
000153h Group 2 Waveform Generation Control Register 3
G2POCR3
0X00 X000b
000154h Group 2 Waveform Generation Control Register 4
G2POCR4
0X00 X000b
000155h Group 2 Waveform Generation Control Register 5
G2POCR5
0X00 X000b
000156h Group 2 Waveform Generation Control Register 6
G2POCR6
0X00 X000b
000157h Group 2 Waveform Generation Control Register 7
G2POCR7
0X00 X000b
000158h Group 2 Time Measurement Control Register 0
G2TMCR0
00h
000159h Group 2 Time Measurement Control Register 1
G2TMCR1
00h
00015Ah Group 2 Time Measurement Control Register 2
G2TMCR2
00h
00015Bh Group 2 Time Measurement Control Register 3
G2TMCR3
00h
00015Ch Group 2 Time Measurement Control Register 4
G2TMCR4
00h
00015Dh Group 2 Time Measurement Control Register 5
G2TMCR5
00h
00015Eh Group 2 Time Measurement Control Register 6
G2TMCR6
00h
00015Fh Group 2 Time Measurement Control Register 7
G2TMCR7
00h
000160h Group 2 Base Timer Register
G2BT
XXXXh
000161h
000162h Group 2 Base Timer Control Register 0
G2BCR0
00h
000163h Group 2 Base Timer Control Register 1
G2BCR1
0000 0000b
000164h Group 2 Time Measurement Prescaler Register 6
G2TPR6
00h
000165h Group 2 Time Measurement Prescaler Register 7
G2TPR7
00h
000166h Group 2 Function Enable Register
G2FE
00h
000167h Group 2 Function Select Register
G2FS
00h
000168h
000169h
00016Ah
00016Bh
00016Ch
00016Dh
00016Eh
00016Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com