Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 40Page - Renesas Technology Corp R32C152 Datasheet HTML 41Page - Renesas Technology Corp R32C152 Datasheet HTML 42Page - Renesas Technology Corp R32C152 Datasheet HTML 43Page - Renesas Technology Corp R32C152 Datasheet HTML 44Page - Renesas Technology Corp R32C152 Datasheet HTML 45Page - Renesas Technology Corp R32C152 Datasheet HTML 46Page - Renesas Technology Corp R32C152 Datasheet HTML 47Page - Renesas Technology Corp R32C152 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 44 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.25
SFR List (25)
Address
Register
Symbol
Reset Value
040120h to
04403Fh
044040h
044041h
044042h
044043h
044044h
044045h
044046h
044047h
044048h
044049h
04404Ah
04404Bh
04404Ch Protect Register 4
PRCR4
0000 0000b
04404Dh Watchdog Timer Clock Control Register
WDK
0000 0000b
04404Eh Watchdog Timer Start Register
WDTS
XXXX XXXXb
04404Fh Watchdog Timer Control Register
WDC
000X XXXXb
044050h
044051h
044052h
044053h
044054h
044055h
044056h
044057h
044058h
044059h
04405Ah
04405Bh
04405Ch
04405Dh
04405Eh
04405Fh Protect Register 2
PRCR2
0XXX XXXXb
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com