Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 47Page - Renesas Technology Corp R32C152 Datasheet HTML 48Page - Renesas Technology Corp R32C152 Datasheet HTML 49Page - Renesas Technology Corp R32C152 Datasheet HTML 50Page - Renesas Technology Corp R32C152 Datasheet HTML 51Page - Renesas Technology Corp R32C152 Datasheet HTML 52Page - Renesas Technology Corp R32C152 Datasheet HTML 53Page - Renesas Technology Corp R32C152 Datasheet HTML 54Page - Renesas Technology Corp R32C152 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 51 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.32
SFR List (32)
Address
Register
Symbol
Reset Value
046800h to
0473FFh
047400h CAN2 Mailbox 0: Message Identifier
C2MB0
XXXX XXXXh
047401h
047402h
047403h
047404h
047405h CAN2 Mailbox 0: Data Length
XXh
047406h CAN2 Mailbox 0: Data Field
XXXX XXXX
XXXX XXXXh
047407h
047408h
047409h
04740Ah
04740Bh
04740Ch
04740Dh
04740Eh CAN2 Mailbox 0: Time Stamp
XXXXh
04740Fh
047410h CAN2 Mailbox 1: Message Identifier
C2MB1
XXXX XXXXh
047411h
047412h
047413h
047414h
047415h CAN2 Mailbox 1: Data Length
XXh
047416h CAN2 Mailbox 1: Data Field
XXXX XXXX
XXXX XXXXh
047417h
047418h
047419h
04741Ah
04741Bh
04741Ch
04741Dh
04741Eh CAN2 Mailbox 1: Time Stamp
XXXXh
04741Fh
047420h CAN2 Mailbox 2: Message Identifier
C2MB2
XXXX XXXXh
047421h
047422h
047423h
047424h
047425h CAN2 Mailbox 2: Data Length
XXh
047426h CAN2 Mailbox 2: Data Field
XXXX XXXX
XXXX XXXXh
047427h
047428h
047429h
04742Ah
04742Bh
04742Ch
04742Dh
04742Eh CAN2 Mailbox 2: Time Stamp
XXXXh
04742Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com