Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 74Page - Renesas Technology Corp R32C152 Datasheet HTML 75Page - Renesas Technology Corp R32C152 Datasheet HTML 76Page - Renesas Technology Corp R32C152 Datasheet HTML 77Page - Renesas Technology Corp R32C152 Datasheet HTML 78Page - Renesas Technology Corp R32C152 Datasheet HTML 79Page - Renesas Technology Corp R32C152 Datasheet HTML 80Page - Renesas Technology Corp R32C152 Datasheet HTML 81Page - Renesas Technology Corp R32C152 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 78 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.59
SFR List (59)
Address
Register
Symbol
Reset Value
047B40h CAN1 Control Register
C1CTLR
0000 0101b
047B41h
0000 0000b
047B42h CAN1 Status Register
C1STR
0000 0101b
047B43h
0000 0000b
047B44h CAN1 Bit Configuration Register
C1BCR
00 0000h
047B45h
047B46h
047B47h CAN1 Clock Select Register
C1CLKR
000X 0000b
047B48h CAN1 Receive FIFO Control Register
C1RFCR
1000 0000b
047B49h CAN1 Receive FIFO Pointer Control Register
C1RFPCR
XXh
047B4Ah CAN1 Transmit FIFO Control Register
C1TFCR
1000 0000b
047B4Bh CAN1 Transmit FIFO Pointer Control Register
C1TFPCR
XXh
047B4Ch CAN1 Error Interrupt Enable Register
C1EIER
00h
047B4Dh CAN1 Error Interrupt Factor Judge Register
C1EIFR
00h
047B4Eh CAN1 Reception Error Count Register
C1RECR
00h
047B4Fh CAN1 Transmission Error Count Register
C1TECR
00h
047B50h CAN1 Error Code Store Register
C1ECSR
00h
047B51h CAN1 Channel Search Support Register
C1CSSR
XXh
047B52h CAN1 Mailbox Search Status Register
C1MSSR
1000 0000b
047B53h CAN1 Mailbox Search Mode Register
C1MSMR
XXXX XX00b
047B54h CAN1 Time Stamp Register
C1TSR
0000h
047B55h
047B56h CAN1 Acceptance Filter Support Register
C1AFSR
XXXXh
047B57h
047B58h CAN1 Test Control Register
C1TCR
00h
047B59h
047B5Ah
047B5Bh
047B5Ch
047B5Dh
047B5Eh
047B5Fh
047B60h to
047BFFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com