Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 25Page - Renesas Technology Corp R32C152 Datasheet HTML 26Page - Renesas Technology Corp R32C152 Datasheet HTML 27Page - Renesas Technology Corp R32C152 Datasheet HTML 28Page - Renesas Technology Corp R32C152 Datasheet HTML 29Page - Renesas Technology Corp R32C152 Datasheet HTML 30Page - Renesas Technology Corp R32C152 Datasheet HTML 31Page - Renesas Technology Corp R32C152 Datasheet HTML 32Page - Renesas Technology Corp R32C152 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 29 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.10
SFR List (10)
Address
Register
Symbol
Reset Value
0001D0h
0001D1h
0001D2h
0001D3h
0001D4h
0001D5h
0001D6h
0001D7h
0001D8h
0001D9h
0001DAh
0001DBh
0001DCh
0001DDh
0001DEh
0001DFh
0001E0h UART3 Transmit/Receive Mode Register
U3MR
00h
0001E1h UART3 Bit Rate Register
U3BRG
XXh
0001E2h UART3 Transmit Buffer Register
U3TB
XXXXh
0001E3h
0001E4h UART3 Transmit/Receive Control Register 0
U3C0
00X0 1000b
0001E5h UART3 Transmit/Receive Control Register 1
U3C1
XXXX 0010b
0001E6h UART3 Receive Buffer Register
U3RB
XXXXh
0001E7h
0001E8h UART4 Transmit/Receive Mode Register
U4MR
00h
0001E9h UART4 Bit Rate Register
U4BRG
XXh
0001EAh UART4 Transmit Buffer Register
U4TB
XXXXh
0001EBh
0001ECh UART4 Transmit/Receive Control Register 0
U4C0
00X0 1000b
0001EDh UART4 Transmit/Receive Control Register 1
U4C1
XXXX 0010b
0001EEh UART4 Receive Buffer Register
U4RB
XXXXh
0001EFh
0001F0h UART3, UART4 Transmit/Receive Control Register 2
U34CON
X000 0000b
0001F1h
0001F2h
0001F3h
0001F4h
0001F5h
0001F6h
0001F7h
0001F8h
0001F9h
0001FAh
0001FBh
0001FCh
0001FDh
0001FEh
0001FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com