Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 60Page - Renesas Technology Corp R32C152 Datasheet HTML 61Page - Renesas Technology Corp R32C152 Datasheet HTML 62Page - Renesas Technology Corp R32C152 Datasheet HTML 63Page - Renesas Technology Corp R32C152 Datasheet HTML 64Page - Renesas Technology Corp R32C152 Datasheet HTML 65Page - Renesas Technology Corp R32C152 Datasheet HTML 66Page - Renesas Technology Corp R32C152 Datasheet HTML 67Page - Renesas Technology Corp R32C152 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 64 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.45
SFR List (45)
Address
Register
Symbol
Reset Value
047740h CAN2 Control Register
C2CTLR
0000 0101b
047741h
0000 0000b
047742h CAN2 Status Register
C2STR
0000 0101b
047743h
0000 0000b
047744h CAN2 Bit Configuration Register
C2BCR
00 0000h
047745h
047746h
047747h CAN2 Clock Select Register
C2CLKR
000X 0000b
047748h CAN2 Receive FIFO Control Register
C2RFCR
1000 0000b
047749h CAN2 Receive FIFO Pointer Control Register
C2RFPCR
XXh
04774Ah CAN2 Transmit FIFO Control Register
C2TFCR
1000 0000b
04774Bh CAN2 Transmit FIFO Pointer Control Register
C2TFPCR
XXh
04774Ch CAN2 Error Interrupt Enable Register
C2EIER
00h
04774Dh CAN2 Error Interrupt Factor Judge Register
C2EIFR
00h
04774Eh CAN2 Reception Error Count Register
C2RECR
00h
04774Fh CAN2 Transmission Error Count Register
C2TECR
00h
047750h CAN2 Error Code Store Register
C2ECSR
00h
047751h CAN2 Channel Search Support Register
C2CSSR
XXh
047752h CAN2 Mailbox Search Status Register
C2MSSR
1000 0000b
047753h CAN2 Mailbox Search Mode Register
C2MSMR
XXXX XX00b
047754h CAN2 Time Stamp Register
C2TSR
0000h
047755h
047756h CAN2 Acceptance Filter Support Register
C2AFSR
XXXXh
047757h
047758h CAN2 Test Control Register
C2TCR
00h
047759h
04775Ah
04775Bh
04775Ch
04775Dh
04775Eh
04775Fh
047760h to
0477FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com