Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 59Page - Renesas Technology Corp R32C152 Datasheet HTML 60Page - Renesas Technology Corp R32C152 Datasheet HTML 61Page - Renesas Technology Corp R32C152 Datasheet HTML 62Page - Renesas Technology Corp R32C152 Datasheet HTML 63Page - Renesas Technology Corp R32C152 Datasheet HTML 64Page - Renesas Technology Corp R32C152 Datasheet HTML 65Page - Renesas Technology Corp R32C152 Datasheet HTML 66Page - Renesas Technology Corp R32C152 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 63 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.44
SFR List (44)
Address
Register
Symbol
Reset Value
047720h CAN2 Message Control Register 0
C2MCTL0
00h
047721h CAN2 Message Control Register 1
C2MCTL1
00h
047722h CAN2 Message Control Register 2
C2MCTL2
00h
047723h CAN2 Message Control Register 3
C2MCTL3
00h
047724h CAN2 Message Control Register 4
C2MCTL4
00h
047725h CAN2 Message Control Register 5
C2MCTL5
00h
047726h CAN2 Message Control Register 6
C2MCTL6
00h
047727h CAN2 Message Control Register 7
C2MCTL7
00h
047728h CAN2 Message Control Register 8
C2MCTL8
00h
047729h CAN2 Message Control Register 9
C2MCTL9
00h
04772Ah CAN2 Message Control Register 10
C2MCTL10
00h
04772Bh CAN2 Message Control Register 11
C2MCTL11
00h
04772Ch CAN2 Message Control Register 12
C2MCTL12
00h
04772Dh CAN2 Message Control Register 13
C2MCTL13
00h
04772Eh CAN2 Message Control Register 14
C2MCTL14
00h
04772Fh CAN2 Message Control Register 15
C2MCTL15
00h
047730h CAN2 Message Control Register 16
C2MCTL16
00h
047731h CAN2 Message Control Register 17
C2MCTL17
00h
047732h CAN2 Message Control Register 18
C2MCTL18
00h
047733h CAN2 Message Control Register 19
C2MCTL19
00h
047734h CAN2 Message Control Register 20
C2MCTL20
00h
047735h CAN2 Message Control Register 21
C2MCTL21
00h
047736h CAN2 Message Control Register 22
C2MCTL22
00h
047737h CAN2 Message Control Register 23
C2MCTL23
00h
047738h CAN2 Message Control Register 24
C2MCTL24
00h
047739h CAN2 Message Control Register 25
C2MCTL25
00h
04773Ah CAN2 Message Control Register 26
C2MCTL26
00h
04773Bh CAN2 Message Control Register 27
C2MCTL27
00h
04773Ch CAN2 Message Control Register 28
C2MCTL28
00h
04773Dh CAN2 Message Control Register 29
C2MCTL29
00h
04773Eh CAN2 Message Control Register 30
C2MCTL30
00h
04773Fh CAN2 Message Control Register 31
C2MCTL31
00h
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com