Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 42Page - Renesas Technology Corp R32C152 Datasheet HTML 43Page - Renesas Technology Corp R32C152 Datasheet HTML 44Page - Renesas Technology Corp R32C152 Datasheet HTML 45Page - Renesas Technology Corp R32C152 Datasheet HTML 46Page - Renesas Technology Corp R32C152 Datasheet HTML 47Page - Renesas Technology Corp R32C152 Datasheet HTML 48Page - Renesas Technology Corp R32C152 Datasheet HTML 49Page - Renesas Technology Corp R32C152 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 46 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.27
SFR List (27)
Address
Register
Symbol
Reset Value
044090h to
044DFFh
044E00h LIN0 Channel Window Select/Input Signal Low Detection
Status Register
L0CW
0000 0000b
044E01h LIN0 Baud Rate Generator Control Register
L0BRG
0000 0000b
044E02h LIN0 Baud Rate Prescaler 0
L0BRP0
00h
044E03h LIN0 Baud Rate Prescaler 1
L0BRP1
00h
044E04h LIN0 Mode Register 0
L0MD0
0000 0000b
044E05h LIN0 Mode Register 1
L0MD1
00h
044E06h LIN0 Wake-up Setting Register
L0WUP
00h
044E07h
044E08h LIN0 Break Field Setting Register
L0BRK
0000 0000b
044E09h LIN0 Space Setting Register
L0SPC
0000 0000b
044E0Ah LIN0 Response Field Setting Register
L0RFC
0000 0000b
044E0Bh LIN0 ID Buffer Register
L0IDB
00h
044E0Ch LIN0 Status Control Register
L0SC
0000 0000b
044E0Dh LIN0 Transmission Control Register
L0TC
0000 0000b
044E0Eh LIN0 Status Register
L0ST
0000 0000b
044E0Fh LIN0 Error Status Register
L0EST
0000 0000b
044E10h LIN0 Data 1 Buffer Register
L0DB1
00h
044E11h LIN0 Data 2 Buffer Register
L0DB2
00h
044E12h LIN0 Data 3 Buffer Register
L0DB3
00h
044E13h LIN0 Data 4 Buffer Register
L0DB4
00h
044E14h LIN0 Data 5 Buffer Register
L0DB5
00h
044E15h LIN0 Data 6 Buffer Register
L0DB6
00h
044E16h LIN0 Data 7 Buffer Register
L0DB7
00h
044E17h LIN0 Data 8 Buffer Register
L0DB8
00h
044E18h
044E19h
044E1Ah
044E1Bh
044E1Ch
044E1Dh
044E1Eh
044E1Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com