Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 32Page - Renesas Technology Corp R32C152 Datasheet HTML 33Page - Renesas Technology Corp R32C152 Datasheet HTML 34Page - Renesas Technology Corp R32C152 Datasheet HTML 35Page - Renesas Technology Corp R32C152 Datasheet HTML 36Page - Renesas Technology Corp R32C152 Datasheet HTML 37Page - Renesas Technology Corp R32C152 Datasheet HTML 38Page - Renesas Technology Corp R32C152 Datasheet HTML 39Page - Renesas Technology Corp R32C152 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 36 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.17
SFR List (17)
Address
Register
Symbol
Reset Value
000380h A/D0 Register 0
AD00
00XXh
000381h
000382h A/D0 Register 1
AD01
00XXh
000383h
000384h A/D0 Register 2
AD02
00XXh
000385h
000386h A/D0 Register 3
AD03
00XXh
000387h
000388h A/D0 Register 4
AD04
00XXh
000389h
00038Ah A/D0 Register 5
AD05
00XXh
00038Bh
00038Ch A/D0 Register 6
AD06
00XXh
00038Dh
00038Eh A/D0 Register 7
AD07
00XXh
00038Fh
000390h
000391h
000392h A/D0 Control Register 4
AD0CON4
XXXX 00XXb
000393h A/D0 Control Register 5
AD0CON5
00h
000394h A/D0 Control Register 2
AD0CON2
X00X X000b
000395h A/D0 Control Register 3
AD0CON3
XXXX X000b
000396h A/D0 Control Register 0
AD0CON0
00h
000397h A/D0 Control Register 1
AD0CON1
00h
000398h D/A Register 0
DA0
XXh
000399h
00039Ah D/A Register 1
DA1
XXh
00039Bh
00039Ch D/A Control Register
DACON
XXXX XX00b
00039Dh
00039Eh
00039Fh
0003A0h
0003A1h
0003A2h
0003A3h
0003A4h
0003A5h
0003A6h
0003A7h
0003A8h
0003A9h
0003AAh
0003ABh
0003ACh
0003ADh
0003AEh
0003AFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com