Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 8Page - Renesas Technology Corp R32C152 Datasheet HTML 9Page - Renesas Technology Corp R32C152 Datasheet HTML 10Page - Renesas Technology Corp R32C152 Datasheet HTML 11Page - Renesas Technology Corp R32C152 Datasheet HTML 12Page - Renesas Technology Corp R32C152 Datasheet HTML 13Page - Renesas Technology Corp R32C152 Datasheet HTML 14Page - Renesas Technology Corp R32C152 Datasheet HTML 15Page - Renesas Technology Corp R32C152 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 12 of 130
R32C/152 Group
1. Overview
1.5
Pin Definitions and Functions
Table 1.8 to Table 1.10 show the pin definitions and functions.
Table 1.8
Pin Definitions and Functions (1/3)
Function
Symbol
I/O
Description
Power supply
VCC, VSS
I
Applicable as follows: VCC = 3.0 to 5.5 V, VSS = 0 V
Analog power
supply
AVCC, AVSS
I
Power supply for the A/D converter. AVCC and AVSS
should be connected to VCC and VSS, respectively
Connecting pins
for decoupling
capacitor
VDC0, VDC1
—
A decoupling capacitor for internal voltage should be
connected between VDC0 and VDC1
Reset input
RESET
I
The MCU is reset when this pin is driven low
CNVSS
CNVSS
I
This pin should be connected to VSS via a resistor
Debug port
NSD
I/O
This pin is to communicate with a debugger. It should be
connected to VCC via a resistor of 1 to 4.7 k
Ω
Main clock input
XIN
I
Input/output for the main clock oscillator. A crystal, or a
ceramic resonator should be connected between pins
XIN and XOUT. An external clock should be input at the
XIN while leaving the XOUT open
Main clock output XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. A crystal
oscillator should be connected between pins XCIN and
XCOUT. An external clock should be input at the XCIN
while leaving the XCOUT open
Sub clock output XCOUT
O
Clock output
CLKOUT
O
Output of the clock with the same frequency as fC, f8, or
f32
External interrupt
input
INT0 to INT8
I
Input for external interrupts
NMI input
P8_5/
NMI
I
Input for NMI
Key input interrupt
KI0 to KI3
I
Input for the key input interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com