Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 57Page - Renesas Technology Corp R32C152 Datasheet HTML 58Page - Renesas Technology Corp R32C152 Datasheet HTML 59Page - Renesas Technology Corp R32C152 Datasheet HTML 60Page - Renesas Technology Corp R32C152 Datasheet HTML 61Page - Renesas Technology Corp R32C152 Datasheet HTML 62Page - Renesas Technology Corp R32C152 Datasheet HTML 63Page - Renesas Technology Corp R32C152 Datasheet HTML 64Page - Renesas Technology Corp R32C152 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 61 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.42
SFR List (42)
Address
Register
Symbol
Reset Value
0475E0h CAN2 Mailbox 30: Message Identifier
C2MB30
XXXX XXXXh
0475E1h
0475E2h
0475E3h
0475E4h
0475E5h CAN2 Mailbox 30: Data Length
XXh
0475E6h CAN2 Mailbox 30: Data Field
XXXX XXXX
XXXX XXXXh
0475E7h
0475E8h
0475E9h
0475EAh
0475EBh
0475ECh
0475EDh
0475EEh CAN2 Mailbox 30: Time Stamp
XXXXh
0475EFh
0475F0h CAN2 Mailbox 31: Message Identifier
C2MB31
XXXX XXXXh
0475F1h
0475F2h
0475F3h
0475F4h
0475F5h CAN2 Mailbox 31: Data Length
XXh
0475F6h CAN2 Mailbox 31: Data Field
XXXX XXXX
XXXX XXXXh
0475F7h
0475F8h
0475F9h
0475FAh
0475FBh
0475FCh
0475FDh
0475FEh CAN2 Mailbox 31: Time Stamp
XXXXh
0475FFh
047600h CAN2 Acceptance Mask Register 0
C2MKR0
XXXX XXXXh
047601h
047602h
047603h
047604h CAN2 Acceptance Mask Register 1
C2MKR1
XXXX XXXXh
047605h
047606h
047607h
047608h CAN2 Acceptance Mask Register 2
C2MKR2
XXXX XXXXh
047609h
04760Ah
04760Bh
04760Ch CAN2 Acceptance Mask Register 3
C2MKR3
XXXX XXXXh
04760Dh
04760Eh
04760Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com